Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506IFE-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3506IFE-PBF
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506IFE-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3506IFE-PBF Datasheet HTML 4Page - Linear Technology LT3506IFE-PBF Datasheet HTML 5Page - Linear Technology LT3506IFE-PBF Datasheet HTML 6Page - Linear Technology LT3506IFE-PBF Datasheet HTML 7Page - Linear Technology LT3506IFE-PBF Datasheet HTML 8Page - Linear Technology LT3506IFE-PBF Datasheet HTML 9Page - Linear Technology LT3506IFE-PBF Datasheet HTML 10Page - Linear Technology LT3506IFE-PBF Datasheet HTML 11Page - Linear Technology LT3506IFE-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3506/LT3506A

3506afb
APPLICATIO S I FOR ATIO
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1 = R2(VOUT/0.8 – 1)
The parallel combination of R1 and R2 should be 10k or
less to avoid bias current errors. Reference designators
refer to the Block Diagram in Figure 2.
Input Voltage Range
The minimum input voltage is determined by either the
LT3506’s minimum operating voltage of ~3.6V, or by its
maximum duty cycle. The duty cycle is the fraction of
time that the internal switch is on and is determined by
the input and output voltages:
DC = (VOUT + VD)/(VIN – VSW + VD)
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.3V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) = (VOUT + VD)/DCMAX - VD + VSW
with DCMAX = 0.89 (0.78 for the LT3506A).
A more detailed analysis includes inductor loss and the
dependence of the diode and switch drop on operating
current. A common application where the maximum duty
cycle limits the input voltage range is the conversion of 5V
to 3.3V. The maximum load current that the LT3506 can
deliver at 3.3V depends on the accuracy of the 5V input
supply. With a low loss inductor (DCR less than 80m
W),
the LT3506 can deliver 1.2A for VIN > 4.7V and 1.6A for
VIN > 4.85V. The maximum input voltage is determined
by the absolute maximum ratings of the VIN and BOOST
pins and by the minimum duty cycle DCMIN = 0.08 (0.15
for the LT3506A):
VIN(MAX) = (VOUT + VD)/DCMIN – VD + VSW.
This limits the maximum input voltage to ~21V with VOUT
= 1.2V and ~15V with VOUT = 0.8V. For the LT3506A the
maximum input voltage is ~8V with VOUT=0.8V. Note that
this is a restriction on the operating input voltage; the
circuit will tolerate transient inputs up to the absolute
maximum rating.
Inductor Selection and Maximum Output Current
A good first choice for the inductor value is:
L = 2 • (VOUT + VD) for the LT3506
L = (VOUT + VD) for the LT3506A
where VD is the voltage drop of the catch diode (~0.4V)
and L is in μH. With this value the maximum load current
will be ~1.6A, independent of input voltage. The inductor’s
RMS current rating must be greater than your maximum
loadcurrentanditssaturationcurrentshouldbeabout30%
higher.Tokeepefficiencyhigh,theseriesresistance(DCR)
should be less than 0.1
W. Table 1 lists several vendors and
types that are suitable. Of course, such a simple design
guide will not always result in the optimum inductor for
your application. A larger value provides a slightly higher
maximum load current, and will reduce the output volt-
age ripple. If your load is lower than 1.6A, then you can
decrease the value of the inductor and operate with higher
ripple current. This allows you to use a physically smaller
inductor, or one with a lower DCR resulting in higher ef-
ficiency. Be aware that if the inductance differs from the
simple rule above, then the maximum load current will
depend on input voltage. There are several graphs in the
Typical Performance Characteristics section of this data
sheet that show the maximum load current as a function
of input voltage and inductor value for several popular
output voltages. Also, low inductance may result in dis-
continuous mode operation, which may be acceptable,
but further reduces maximum load current. For details of
maximum output current and discontinuous mode opera-
tion, see Linear Technology Application Note 44. Finally,
for duty cycles greater than 50%(VOUT/VIN < 0.5), there
is a minimum inductance required to avoid subharmonic
oscillations. See Application Note 19 for detailed informa-
tiononsubharmonicoscillations.Thefollowingdiscussion
assumes continuous inductor current.


Similar Part No. - LT3506IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506 LINER-LT3506 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com