Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF995 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BF995
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF995 Datasheet(HTML) 5 Page - Vishay Siliconix

  BF995 Datasheet HTML 1Page - Vishay Siliconix BF995 Datasheet HTML 2Page - Vishay Siliconix BF995 Datasheet HTML 3Page - Vishay Siliconix BF995 Datasheet HTML 4Page - Vishay Siliconix BF995 Datasheet HTML 5Page - Vishay Siliconix BF995 Datasheet HTML 6Page - Vishay Siliconix BF995 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BF995
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
5 (7)
Document Number 85009
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V , Z0 = 50 W
S11
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
12 920
700 MHz
100
50
300
500
Figure 11. Input reflection coefficient
S21
0
°
90
°
180
°
–90
°
0.8
1.6
–150
°
–120
°
–60
°
–30
°
120
°
60
°
30
°
12 922
700MHz
200
400
50
–30
°
ID= 20mA
10mA
5mA
Figure 12. Forward transmission coefficient
S12
700MHz
12 921
0
°
90
°
180
°
–90
°
0.04
0.08
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
600
300
Figure 13. Reverse transmission coefficient
S22
12 923
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
700 MHz
100
300
500
Figure 14. Output reflection coefficient


Similar Part No. - BF995

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF995 SIEMENS-BF995 Datasheet
175Kb / 10P
   Silicon N Channel MOSFET Tetrode (For input and mixer stages in FM and VHF TV tuners)
More results

Similar Description - BF995

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF998 VISHAY-BF998 Datasheet
155Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 23-Jun-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com