Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506AEDHD-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3506AEDHD-PBF
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506AEDHD-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT3506AEDHD-PBF Datasheet HTML 1Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 2Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 3Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 4Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 5Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 6Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 7Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 8Page - Linear Technology LT3506AEDHD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3506/LT3506A

3506afb
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 5V, VBOOST = 8V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN(MIN)
Undervoltage Lockout
3.4
3.6
V
IINQ
Quiescent Current
Not Switching
3.8
4.8
mA
IINSD
Shutdown Current
VRUNSS = 0V
30
45
µA
VFB
Feedback Voltage
–40°C to 85°C, EDHD
–40°C to 85°C, EFE
–40°C to 125°C, IFE, IDHD
792
784
784
800
800
800
808
816
816
mV
mV
mV
IFB
FB Pin Bias Current
VFB = 800mV, VC = 0.4V
40
100
nA
VFB(REG)
Reference Line Regulation
VIN = 5V to 25V
0.005
%/V
gmEA
Error Amp GM
350
uMhos
AV
Error Amp Voltage Gain
400
IVC
VC Source Current
VC Sink Current
VFB = 0.6V, VC = 0V
VFB = 1.2V, VC = 1100mV
30
30
µA
µA
VVC(THRESH)
VC Switching Threshold
0.7
V
VVC(CLAMP)
VC Clamp Voltage
1.9
V
fSW
Switching Frequency
LT3506
LT3506A
500
1
575
1.1
650
1.2
kHz
MHz
Switching Phase
(Note 5)
180
Deg
DC
Maximum Duty Cycle
LT3506
LT3506A
89
78
93
88
%
%
VFB(SWTHRESH)
Frequency Shift Threshold on FB
0.4
V
fFOLD
Foldback Frequency
VFB = 0V
170
kHz
ISW
Switch Current Limit
(Note 3)
2.0
2.6
3.6
A
VSW(SAT)
Switch VCESAT (Note 4)
ISW = 1A
210
mV
ILSW
Switch Leakage Current
10
µA
VBOOST(MIN)
Minimum Boost Voltage Above Switch
ISW = 1A
1.5
2.5
V
IBOOST
BOOST Pin Current
ISW = 1A
20
30
mA
IRUN/SS
RUN/SS Current
2.1
µA
VRUN/SS(THRESH)
RUN/SS Threshold
0.3
0.8
V
VFB(PGTHRESH)
VFB PG Threshold
VFB Rising
720
mV
VPG(LOW)
PG Voltage Output Low
VFB = 640mV, IPG = 250µA
0.22
0.4
V
ILPG
PG Pin Leakage
VPG = 2V
0.1
1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3506E/LT3506AE are guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3506I/LT3506AI are
guaranteed and tested over the full –40°C to 125°C operating temperature
range.
Note 3: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at high duty cycle.
Note 4: Switch VCESAT guaranteed by design.
Note 5: Switching phase is guaranteed by design.


Similar Part No. - LT3506AEDHD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506AEDHD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com