Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCGW Datasheet(PDF) 3 Page - Linear Technology

Part # LCGW
Description  1A, 2.2MHz Step-Down Switching Regulator in 2mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCGW Datasheet(HTML) 3 Page - Linear Technology

  LCGW Datasheet HTML 1Page - Linear Technology LCGW Datasheet HTML 2Page - Linear Technology LCGW Datasheet HTML 3Page - Linear Technology LCGW Datasheet HTML 4Page - Linear Technology LCGW Datasheet HTML 5Page - Linear Technology LCGW Datasheet HTML 6Page - Linear Technology LCGW Datasheet HTML 7Page - Linear Technology LCGW Datasheet HTML 8Page - Linear Technology LCGW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3505
3
3505fc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3505E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LT3505I specifications are
guaranteed over the –40°C to 125°C temperature range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
3.6
36
V
Undervoltage Lockout
3.1
3.35
3.6
V
Feedback Voltage
"
765
780
795
mV
FB Pin Bias Current
VFB = Measured VREF (Note 4)
"
55
150
nA
Quiescent Current
Not Switching, RT = 75.0k
2.0
2.7
mA
Quiescent Current in Shutdown
VSHDN = 0V
0.01
2
µA
Reference Line Regulation
VIN = 5V to 36V
0.007
%/V
Switching Frequency
VFB = 0.7V, RT = 13.7k
VFB = 0.7V, RT = 75.0k
VFB = 0.7V, RT = 357k
2.70
675
180
3.01
750
200
3.30
825
220
MHz
kHz
kHz
Maximum Duty Cycle
RT = 75.0k
"
90
94
%
Error Amp Transconductance
VFB = 0.78V
200
µA/V
Error Amp Voltage Gain
VFB = 0.78V
400
V/V
VC Source Current
VFB = 0V, VC = 1.5V
10
µA
VC Sink Current
VFB = 1V, VC = 1.5V
14
µA
VC Switching Threshold Voltage
IOUT = 0mA
0.9
V
VC Clamp Voltage
VFB = 0V
1.7
V
RT Bias Voltage
VFB = 0.6V
VFB = 0V, RT = 75.0k
0.5
50
V
mV
Switch Current Limit
(Note 3)
1.4
1.75
2.2
A
Switch VCESAT
ISW = 1A
350
mV
Switch Leakage Current
0.1
2
µA
Minimum Boost Voltage Above Switch
ISW = 1A
1.6
2.2
V
BOOST Pin Current
ISW = 1A
24
50
mA
SHDN Input Voltage High
2.3
V
SHDN Input Voltage Low
0.3
V
SHDN Bias Current
VSHDN = 2.3V (Note 5)
VSHDN = 0V
6
0.01
20
0.1
µA
µA
ELECTRICAL CHARACTERISTICS The
"
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VBOOST = 17V, unless otherwise noted. (Note 2).
Note 3: Current limit guaranteed by design and/or correlation to static test.
Slope compensation reduces current limit at higher duty cycle.
Note 4: Current flows out of pin.
Note 5: Current flows into pin.


Similar Part No. - LCGW

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LCG-12A01 DELTA-LCG-12A01 Datasheet
156Kb / 2P
   LCD Graphic Module 12 x 1
logo
OSRAM GmbH
LCG-H9RM OSRAM-LCG-H9RM Datasheet
268Kb / 23P
   SMD epoxy package
LCG-H9RN OSRAM-LCG-H9RN Datasheet
313Kb / 25P
   SMD epoxy package
LCG-H9RN-MXNX-1 OSRAM-LCG-H9RN-MXNX-1 Datasheet
1Mb / 23P
   OSRAM OSTAR Projection Cube Datasheet Version 1.0
logo
ITT Industries
LCGDF5A10EC ITT-LCGDF5A10EC Datasheet
273Kb / 4P
   Subminiature Precision Snap-acting Switches
More results

Similar Description - LCGW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com