Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF994S Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. BF994S
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF994S Datasheet(HTML) 5 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BF994S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
5 (7)
Document Number 85008
VDS = 15 V, ID = 10 mA, VG2S = 4 V , Z0 = 50 W
S11
12 964
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
50
700MHz
200
450
Figure 13. Input reflection coefficient
S21
12 966
0
°
90
°
180
°
–90
°
1
2
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
50
700MHz
200
450
Figure 14. Forward transmission coefficient
S12
12 965
0
°
90
°
180
°
–90
°
0.08
0.16
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
50
700MHz
200
Figure 15. Reverse transmission coefficient
S22
12 967
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
50
700MHz
Figure 16. Output reflection coefficient


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn