Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUW256-1028-16AA95L Datasheet(PDF) 2 Page - Actel Corporation

Part # BUW256-1028-16AA95L
Description  SE-FGG256-HU, E-Tec lead free prototype socket drawing for FGG256 and FGG256 packages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

BUW256-1028-16AA95L Datasheet(HTML) 2 Page - Actel Corporation

  BUW256-1028-16AA95L Datasheet HTML 1Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 2Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 3Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 4Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 5Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 6Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 7Page - Actel Corporation BUW256-1028-16AA95L Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ball / Land Grid Array Sockets
Twist Lock Type
E-tec is now the leading BGA socket manufacturer.
EP patents 0829188, 0897655 US patents 6190181, 6249440 Patented in other countries.
Twist lock sockets are available for any chip size and grid pattern. The SMT socket is simply placed
and reflowed onto the PCB in the same way as the chip and occupies only a small amount of additional
board space. The 1.27mm pitch screw lock socket extends ≈ 6,00 mm beyond the outer ball row with
no fixing holes.
We aim to solve your requirements - many different terminals and configurations are available.
Your custom sets our standards!
Please note, we will always request the chip data to ensure we offer a compatible socket.
SMT Style
PCB Pad Layout
Ø 0,60mm/.024“ if pitch 1,27mm
Ø 0,50mm/.020“ if pitch 1,00mm
Ø 0,40mm/.016“ if pitch 0,80mm
Ø 0,35mm/.014“ if pitch 0,75mm
Ø 0,35mm/.014“ if pitch 0,65mm
Ø 0,30mm/.012“ if pitch 0,50mm
You may request any specific socket dimension from
info@e-tec.com
For top view socket dimension
pls. ref. to separate catalog page
Important Note:
Please check the ball diameters & heights of your chip prior to
ordering the standard E-tec BGA (BPW, BCW) sockets. Any deviation
has to be communicated to E-tec in order to check compatibility with
the standard socket design and if necessary to obtain a special order
code adapted to your chip dimensions.
The standard solderball diameters & heights are the following:
Pitch
ball
diameters
ball
height
min/max
min/max
0.50mm
0.25mm / 0.35mm
0.15mm / 0.30mm
0.65mm
0.25mm / 0.45mm
0.15mm / 0.30mm
0.75mm
0.25mm / 0.45mm
0.15mm / 0.40mm
0.80mm
0.40mm / 0.55mm
0.25mm / 0.45mm
1.00mm
0.50mm / 0.70mm
0.30mm / 0.50mm
1.27mm & 1.50mm
a) plastic chips (BPW)
0.60mm / 1.00mm
0.50mm / 0.70mm
b) ceramic chips (BCW)
0.60mm / 1.00mm
0.80mm / 1.00mm
If the minimum ball diameter of a given chip falls below the above
indications, then a BUW socket will generally be proposed.
Soldertail Style
Soldertail:
Ø 0,42mm/.016” if pitch 1,27mm
Ø 0,29mm/.011” if pitch 1,00mm
Ø 0,29mm/.011” if pitch 0,80mm
Ø 0,27mm/.010” if pitch 0,75mm
Ø 0,27mm/.010” if pitch 0,65mm
Ø 0,27mm/.010” if pitch 0,50mm
PCB Hole Layout
PCB solder hole:
Ø 0,60mm/.024” if pitch 1,27mm
Ø 0,50mm/.020” if pitch 1,00mm
Ø 0,40mm/.016” if pitch 0,80mm
Ø 0,35mm/.014” if pitch 0,75mm
Ø 0,35mm/.014” if pitch 0,65mm
Ø 0,35mm/.014” if pitch 0,50mm
The pitch dimension depends on your Ball Grid Array
Specifications
Mechanical data
Contact life
Retention System life
Solderability
Individual contact force
Max. torque for retention screws
Material
Insulator (RoHS compliant)
Terminal (RoHS compliant)
Contact (RoHS compliant)
Electrical data
Contact resistance
Current rating
Insulation resistance at 500V DC
Breakdown voltage at 60 Hz
Capacitance
Inductance
Operating temperature
10.000 cycles min.
1.000 cycles min.
exceeds MIL-STD-202 Method 208
40 grams max.
up to 800 pins = 7cNm or 10 oz-inch
as of 800 pins = 7cNm to 10cNm or 10 oz
to 14 oz-inch
High temp plastic or epoxy FR4
Brass
BeCu
< 100 m
Ω
500 mA max.
100 MΩ if 0.50 to 0.80mm pitch
500 MΩ 1.00mm pitch upwards
500V min.
< 1 pF
< 2 nH
−55°C to +125°C ; 260°C for 60 sec.
Recommendations
Torque limiting screw driver
Refer to page “Tools” of this catalog
Solder paste
Please use a solder paste w/o any silver!
Solder profile
Please refer to our website www.e-tec.com
How to order
X X W x x x x - x x x x - x x X X 95 L
optional for locating pegs
Device Type
Device Material
Pitch
Grid Code Config Code
Plating
B = Ball Grid
L = Land Grid
C = Column Grid
C = std. socket for
ceramic device
P = std. socket for
plastic device
U = socket adapted to
small diameter solderballs
05 = 0,50mm
06 = 0,65mm
07 = 0,75mm
08 = 0,80mm
10 = 1,00mm
12 = 1,27mm
15 = 1,50mm
others on
request
will be given by the factory
after receipt of the chip
datasheet
95 = tin/gold
(tin leadfree)
Nbr of contacts
Contact Type
depends on
ballcount of chip
30 = standard SMT...( „A“ = 1,20mm if 1,27mm pitch; 0,80mm if 1,00mm pitch, 0.60 if 0,80mm pitch; 0,40mm if <0.80mm pitch )
29 = raised SMT..( „A“ = 5,00mm if 1,27mm pitch; 3,20mm if 1,00mm pitch; 2,80mm if 0,80mm pitch, 2.30mm if <0.80mm pitch )
28 = special raised SMT - only for 1.00 & 0.80mm pitch…..... ( „A“ = 4,50mm )
70 = standard solder tail……..…...….( „A“ = 3.30 if 1.27mm pitch, 2.80 if 1.00mm or 0.80mm pitch, 2,30mm if <0.80mm pitch )
8


Similar Part No. - BUW256-1028-16AA95L

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUW25 SEME-LAB-BUW25 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
More results

Similar Description - BUW256-1028-16AA95L

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
BPW676-1030-26AB95L ACTEL-BPW676-1030-26AB95L Datasheet
1Mb / 8P
   SE-FGG676, E-Tec lead free prototype socket drawing for FGG676 and FGG676 packages
BPW456-1270-26AB55 ACTEL-BPW456-1270-26AB55 Datasheet
448Kb / 1P
   SE-BGG456, E-Tec lead free prototype socket drawing for BGG456 and BGG456 packages
BPW729-1230-27AB95L ACTEL-BPW729-1230-27AB95L Datasheet
1Mb / 8P
   SE-BGG729, E-Tec lead free prototype socket drawing for BGG729 and BGG729 packages
BPW180-0830-14CB95 ACTEL-BPW180-0830-14CB95 Datasheet
1Mb / 8P
   SE-CSG180, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
BPW049-0830-07CB95 ACTEL-BPW049-0830-07CB95 Datasheet
1Mb / 8P
   SE-CSG49, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BPW049-0828-07CB95 ACTEL-BPW049-0828-07CB95 Datasheet
1Mb / 8P
   SE-CSG49-H, E-Tec lead free prototype socket drawing for CSG49 and CSG49 packages
BPW128-0830-12CB95 ACTEL-BPW128-0830-12CB95 Datasheet
1Mb / 8P
   SE-CSG128-H, E-Tec lead free prototype socket drawing for CSG128 and CSG128 packages
BPW272-1270-20AC55 ACTEL-BPW272-1270-20AC55 Datasheet
397Kb / 1P
   SE-BGG272-A, E-Tec lead free prototype socket drawing for BGG272 and BGG272 packages
BPW180-0828-14CB95 ACTEL-BPW180-0828-14CB95 Datasheet
1Mb / 8P
   SE-CSG180-H, E-Tec lead free prototype socket drawing for CSG180 and CSG180 packages
BPW324-1028-18AB95L ACTEL-BPW324-1028-18AB95L Datasheet
1Mb / 8P
   SE-FGG324-H, E-Tec lead free prototype socket drawing for FGG324 and FGG324 packages
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com