Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3477 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3477
Description  3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 3 Page - Linear Technology

  LT3477 Datasheet HTML 1Page - Linear Technology LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LT3477
3477fb
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Soft-Start Pin Current
SS = 0.5V, Out of Pin
9
µA
FBP Pin Bias Current
25
100
nA
FBN Pin Bias Current
25
100
nA
Feedback Amplifier Offset Voltage
FBP – FBN, VC = 1V
–2
2
6
mV
Feedback Amplifier Voltage Gain
500
V/V
Voltage Feedback Amplifier Transconductance
500
µS
Feedback Amplifier Sink Current
VFBP = 1.25V, VFBN = 1.5V, VC = 1V
10
µA
Feedback Amplifier Source Current
VFBP = 1.25V, VFBN = 1V, VC = 0.5V
10
µA
Current Sense Amplifier Sense Voltage
Positive Rail, VCM = 25V, E Grade
97.5
100
102.5
mV
Positive Rail, VCM = 25V, I Grade
97.5
100
103
mV
Ground
88
100
112
mV
Switching Frequency
RT = 17.2k
0.9
1
1.15
MHz
RT = 107.4k
160
200
240
kHz
RT = 2.44k
2.7
3.5
4.3
MHz
Maximum Switch Duty Cycle
RT = 17.2k
87
93
%
Switch Current Limit
(Note 3)
3
4
5
A
Switch VCESAT
ISW = 1A (Note 3)
150
200
mV
Switch Leakage Current
SW = 40V
0.2
5
µA
SHDN Pin Current
VSHDN = 5V
30
60
µA
VSHDN = 0V
0.1
1
µA
SHDN Pin Threshold
0.3
1.5
2
V
The
indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.5V, VSHDN = 2.5V.
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3477E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C operating
TYPICAL PERFOR A CE CHARACTERISTICS
Switch VCE(SAT)
Switch Current Limit
VREF
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LT3477I is guaranteed
over the full –40
°C to 125°C operating junction temperature range.
Note 3: Switch current limit and switch VCESAT for UF package guaranteed
by design and/or correlation to static test.
SWITCH CURRENT (A)
0
0
0.10
0.20
0.30
0.25
0.5
1
1.5
2
3477 G01
2.5
0.40
0.50
0.05
0.15
125
°C
–50
°C
0.35
0.45
3
25
°C
TEMPERATURE (
°C)
–50
–25
0
2
5
0
50
75
3477 G02
1
4
3
25
100
125
TEMPERATURE (
°C)
–50
1.21
1.22
1.23
1.24
1.25
050
100
150
3477 G03
1.26
1.27
–25
25
75
125
VIN = 25V
VIN = 2.5V


Similar Part No. - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477 Datasheet
274Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3477 LINER-LT3477 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3477 LINER-LT3477 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3477 LINER-LT3477 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
logo
Linear Dimensions Semic...
LT3477 LINEAR_DIMENSIONS-LT3477 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3477

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3477 LINER-LT3477_15 Datasheet
263Kb / 20P
   3A, DC/DC Converter with Dual Rail-to-Rail Current Sense
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
   Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
   Rail-to-Rail Current Sense Amplifier
logo
Power Mate Technology C...
DFEC15W P-DUKE-DFEC15W_14 Datasheet
284Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20 P-DUKE-DFED20_14 Datasheet
371Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFEC30 P-DUKE-DFEC30_14 Datasheet
370Kb / 3P
   DIN RAIL DC-DC CONVERTER
DFED20W P-DUKE-DFED20W_14 Datasheet
369Kb / 3P
   DIN RAIL DC-DC CONVERTER
logo
Anaren Microwave
MSK197RH ANAREN-MSK197RH Datasheet
327Kb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
MSK196RH ANAREN-MSK196RH Datasheet
1Mb / 7P
   RAD HARD PRECISION RAIL TO RAIL CURRENT SENSE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com