Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF988 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BF988
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF988 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BF988
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 08-Jul-99
4 (8)
Document Number 85007
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
96 12159
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
25
30
024
68
10
VDS – Drain Source Voltage ( V )
12812
VG1S= 0.6V
0.4V
0
–0.4V
0.2V
VG2S=4V
–0.2V
Figure 2. Drain Current vs.
Drain Source Voltage
0
4
8
12
16
20
–0.8
–0.4
0.0
0.4
0.8
1.2
VG1S – Gate 1 Source Voltage ( V )
12816
6V
5V
4V
0
2V
1V
3V
VDS=8V
VG2S=–1V
Figure 3. Drain Current vs. Gate 1 Source Voltage
0
4
8
12
16
20
–0.6
–0.2
0.2
0.6
1.0
1.4
VG2S – Gate 2 Source Voltage ( V )
12817
0
2V
1V
3V
VDS=8V
5V
VG1S= –1V
4V
Figure 4. Drain Current vs. Gate 2 Source Voltage
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
–2
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
VG1S – Gate 1 Source Voltage ( V )
12813
VDS=8V
VG2S=4V
f=1MHz
Figure 5. Gate 1 Input Capacitance vs.
Gate 1 Source Voltage
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
–1
01234
5
VG2S – Gate 2 Source Voltage ( V )
12814
VDS=8V
VG1S=0
f=1MHz
Figure 6. Gate 2 Input Capacitance vs.
Gate 2 Source Voltage


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn