Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3476 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3476
Description  High Current Quad Output LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3476 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3476 Datasheet HTML 4Page - Linear Technology LT3476 Datasheet HTML 5Page - Linear Technology LT3476 Datasheet HTML 6Page - Linear Technology LT3476 Datasheet HTML 7Page - Linear Technology LT3476 Datasheet HTML 8Page - Linear Technology LT3476 Datasheet HTML 9Page - Linear Technology LT3476 Datasheet HTML 10Page - Linear Technology LT3476 Datasheet HTML 11Page - Linear Technology LT3476 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LT3476
10
3476fa
APPLICATIO S I FOR ATIO
Programming the LED Current
The LED Current is programmed using an external sense
resistor in series with the load. This method allows flex-
ibility in driving the load (i.e., sensing one of several
parallel strings) while maintaining good accuracy. The
VADJ input sets the voltage regulation threshold across
the external sense resistor between 10mV and 120mV.
A 1.05V reference output (REF) is provided to drive the
VADJ pins either through a resistor divider, or connected
directly to REF to give the full-scale threshold of 105mV.
A DAC may also be used to drive the VADJ pins. The VADJ
pins should not be left open. If the VADJ input is connected
to a voltage higher than 1.25V, the default regulation
threshold across CAP and LED is 125mV (typ). The VADJ
pin can also be used in conjunction with a PTC thermistor
to provide overtemperature protection for the LED load
as shown in Figure 2.
Dimming Control
There are two methods to control the current source for
dimming using the LT3476. The first method, popular
with LED applications, uses the PWM pin to modulate the
current source between zero and full current to achieve
a precisely programmed average current. To make this
method of current control more accurate, during the qui-
escent phase the switch demand current is stored on the
VC node. This feature minimizes recovery time when the
PWM signal goes high. The minimum PWM on- or off-time
will depend on the choice of operating frequency through
the RT input pin. For best current accuracy, the minimum
PWM low or high time should be at least ten switching
cycles. This guideline has two reasons: first to allow the
output to reach steady state before shutting off, and second
because the oscillator is not synchronized to the PWM
signal and there may be as much as one switching cycle
delay from PWM going high to the start of switching. This
delay, however, does not apply to the negative transition
of the PWM signal. The minimum PWM low/high time can
be reduced to five switching cycles if a disconnect switch
is used in the LED current path.
The second method of dimming control uses the VADJ pin
to linearly adjust the current sense threshold during the
PWM high state. The LED current programming feature
augments the PWM dimming control, possibly increasing
total dimming range by a factor of ten.
VREF
20k
25k
470
PTC
VADJ1-4
1.05V
3476 F01
Figure 2. Overtemperature Protect Circuit


Similar Part No. - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
LT3476 LINER-LT3476 Datasheet
403Kb / 28P
   32-Channel 20mA LED Driver with Buck Controller 0.5關s Minimum LED On Time
LT3476 LINER-LT3476 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3476 LINER-LT3476 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3476 LINEAR_DIMENSIONS-LT3476 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
More results

Similar Description - LT3476

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3476 LINER-LT3476_15 Datasheet
244Kb / 14P
   High Current Quad Output LED Driver
logo
National Semiconductor ...
DS3658 NSC-DS3658 Datasheet
99Kb / 4P
   Quad High Current Peripheral Driver
logo
Texas Instruments
DS3658 TI1-DS3658_14 Datasheet
223Kb / 9P
[Old version datasheet]   Quad High Current Peripheral Driver
logo
List of Unclassifed Man...
D469A ETC1-D469A Datasheet
338Kb / 4P
   Quad High-Current Power Driver
logo
National Semiconductor ...
DS3669 NSC-DS3669 Datasheet
98Kb / 4P
   Quad High Current Peripheral Driver
logo
Toshiba Semiconductor
TC62D748CFNAG TOSHIBA-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TB62747AFG MARKTECH-TB62747AFG Datasheet
317Kb / 20P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FG MARKTECH-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com