Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3475EFE-1-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3475EFE-1-TRPBF
Description  Dual Step-Down l 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475EFE-1-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3475EFE-1-TRPBF Datasheet HTML 7Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 8Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 9Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 10Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 11Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 12Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 13Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 14Page - Linear Technology LT3475EFE-1-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3475/LT3475-1
11
3475fb
The current in the inductor is a triangle wave with an average
value equal to the load current. The peak switch current
is equal to the output current plus half the peak-to-peak
inductor ripple current. The LT3475 limits its switch cur-
rent in order to protect itself and the system from overload
faults. Therefore, the maximum output current that the
LT3475 will deliver depends on the switch current limit,
the inductor value, and the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor
ΔIL =
1– DC
() VOUT + VF
()
L•f
()
where f is the switching frequency of the LT3475 and L
is the value of the inductor. The peak inductor and switch
current is
I
SW PK
() = ILPK
() = IOUT +
ΔIL
2
To maintain output regulation, this peak current must be
less than the LT3475’s switch current limit ILIM. ILIM is at
least 2.3A at low duty cycles and decreases linearly to 1.8A
at DC = 0.9. The maximum output current is a function of
the chosen inductor value:
I
OUT MAX
() = ILIM
ΔIL
2
= 2.3A• 1–0.25•DC
()
ΔIL
2
Choosing an inductor value so that the ripple current is
small will allow a maximum output current near the switch
current limit.
One approach to choosing the inductor is to start with the
simple rule given above, look at the available inductors,
and choose one to meet cost or space goals. Then use
these equations to check that the LT3475 will be able to
deliver the required output current. Note again that these
equations assume that the inductor current is continu-
ous. Discontinuous operation occurs when IOUT is less
than ΔIL/2.
Input Capacitor Selection
Bypass the input of the LT3475 circuit with a 4.7μF or
higher ceramic capacitor of X7R or X5R type. A lower
value or a less expensive Y5V type will work if there is
additional bypassing provided by bulk electrolytic capaci-
tors or if the input source impedance is low. The following
paragraphs describe the input capacitor considerations in
more detail.
Step-down regulators draw current from the input supply
in pulses with very fast rise and fall times. The input ca-
pacitor is required to reduce the resulting voltage ripple at
the LT3475 input and to force this switching current into a
tight local loop, minimizing EMI. The input capacitor must
have low impedance at the switching frequency to do this
effectively, and it must have an adequate ripple current rat-
ing. With two switchers operating at the same frequency
but with different phases and duty cycles, calculating the
input capacitor RMS current is not simple. However, a
conservative value is the RMS input current for the channel
that is delivering most power (VOUT • IOUT):
CINRMS = IOUT
VOUT(VIN –VOUT )
VIN
<
IOUT
2
and is largest when VIN = 2VOUT (50% duty cycle). As the
second, lower power channel draws input current, the
input capacitor’s RMS current actually decreases as the
out-of-phase current cancels the current drawn by the
higher power channel. Considering that the maximum
load current from a single channel is ~1.5A, RMS ripple
current will always be less than 0.75A.
The high frequency of the LT3475 reduces the energy
storage requirements of the input capacitor, so that the
capacitance required is less than 10μF. The combination
of small size and low impedance (low equivalent series
resistance or ESR) of ceramic capacitors makes them the
preferred choice. The low ESR results in very low voltage
ripple. Ceramic capacitors can handle larger magnitudes
of ripple current than other capacitor types of the same
value. Use X5R and X7R types.
APPLICATIONS INFORMATION


Similar Part No. - LT3475EFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475 LINER-LT3475 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3475 LINER-LT3475 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
logo
Linear Dimensions Semic...
LT3475 LINEAR_DIMENSIONS-LT3475 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Analog Devices
LT3475 AD-LT3475 Datasheet
504Kb / 28P
   40VIN, 75VOUT LED Controllers
LT3475 AD-LT3475 Datasheet
399Kb / 26P
   100VIN, 100VOUT LED Controller
More results

Similar Description - LT3475EFE-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com