Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3435 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3435
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3435 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3435 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
MOS Field Effect Transistor
2SK3435
Features
Super low on-state resistance:
RDS(on)1 = 14m
MAX. (VGS =10V, ID = 40A)
RDS(on)2 =22 m
MAX. (VGS =4V, ID = 40A)
Low Ciss:Ciss =3200 pF TYP.
Built-in gate protection diode
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
60
V
Gate to source voltage
VGSS
20
V
ID
80
A
Idp *
320
A
Power dissipation
TC=25
84
TA=25
1.5
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
W
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=60V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gat cutoff voltage
VGS(off)
VDS=10V,ID=1mA
1.5
2.0
2.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=40A
21
43
S
RDS(on)1
VGS=10V,ID=40A
11
14
m
RDS(on)2
VGS=4V,ID=40A
16
22
m
Input capacitance
Ciss
3200
pF
Output capacitance
Coss
520
pF
Reverse transfer capacitance
Crss
260
pF
Turn-on delay time
ton
80
ns
Rise time
tr
1200
ns
Turn-off delay time
toff
200
ns
Fall time
tf
350
ns
Total Gate Charge
QG
60
nC
Gate to Source Charge
QGS
10
nC
Gate to Drain Charge
QGD
16
nC
VDS=10V,VGS=0,f=1MHZ
ID=40A,VGS(on)=10V,RG=10
,VDD=30V
Draintosourceon-stateresistance
ID =80A, VDD =48V, VGS =10V


Similar Part No. - 2SK3435

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3435 NEC-2SK3435 Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
VBsemi Electronics Co.,...
2SK3435 VBSEMI-2SK3435 Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3435 ISC-2SK3435 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3435 RENESAS-2SK3435 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SK3435-S NEC-2SK3435-S Datasheet
48Kb / 4P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Similar Description - 2SK3435

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com