Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3472EDD Datasheet(PDF) 8 Page - Linear Technology

Part # LT3472EDD
Description  Boost and Inverting DC/DC Converter for CCD Bias
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3472EDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3472EDD Datasheet HTML 4Page - Linear Technology LT3472EDD Datasheet HTML 5Page - Linear Technology LT3472EDD Datasheet HTML 6Page - Linear Technology LT3472EDD Datasheet HTML 7Page - Linear Technology LT3472EDD Datasheet HTML 8Page - Linear Technology LT3472EDD Datasheet HTML 9Page - Linear Technology LT3472EDD Datasheet HTML 10Page - Linear Technology LT3472EDD Datasheet HTML 11Page - Linear Technology LT3472EDD Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT3472
8
3472f
and larger capacitance, which can cause significant switch-
ing losses at 1.1MHz switching frequency. Some recom-
mended Schottky diodes are listed in Table 4.
Table 4. Recommended Schottky Diodes
Forward
Forward
Diode
Current
Voltage
Capacitance
Part No.
(mA)
Drop (V)
(pF)
Manufacturer
CMDSH-3
100
0.58 @100mA
7 @ 10V
Central Semiconductor
CMDSH2-3
200
0.49 @ 200mA 15 @ 10V
(631) 435-1110
www.centralsemi.com
Setting the Output Voltages
The LT3472 has an accurate feedback resistor of 50k for
each channel. Only one resistor is needed to set the output
voltage for each channel. The output voltage can be set
according to the following formulas:
V
R
k
V
R
k
POS
NEG
=+
=
125
1
1
50
125
2
50
.•
–.
Figure 4a. VSSP, VPOS, IIN with 100nF on SSP
Figure 4b. VSSP, VPOS, IIN with SSP Open
Figure 5a. VSSN, VNEG, IIN with 100nF on SSN
In order to maintain accuracy, high precision resistors are
preferred (1% is recommended).
Soft-Start
The LT3472 has independent soft-start control for each
channel. As shown in Figure 1, the SSP and SSN pins have
an internal resistor of 50k pulling up to 1.25V, respec-
tively. By connecting a capacitor from the SSP or SSN pin
to ground, the ramp of each output can be programmed
individually. If SSP or SSN is open or pull higher than
1.25V, the corresponding output will ramp up quickly. The
waveforms with and without soft-start for the Boost
channel are shown in Figure 4.
The waveforms with and without soft-start for the negative
channel are shown in Figure 5.
Start Sequencing
The LT3472 has internal sequencing circuitry that inhibits
the negative channel from operating until feedback voltage
of the step-up channel reaches about 1.1V, ensuring that
APPLICATIO S I FOR ATIO
Figure 5b. VSSN, VNEG, IIN with SSN Open
VSSP
2V/DIV
VPOS
5V/DIV
IIN
200mA/DIV
100µs/DIV
3472 FO4b
VSSN
1V/DIV
VNEG
5V/DIV
IIN
100mA/DIV
500µs/DIV
3472 FO5a
VSSN
2V/DIV
VNEG
5V/DIV
IIN
200mA/DIV
100µs/DIV
3472 FO5b
VSSP
1V/DIV
VPOS
5V/DIV
IIN
100mA/DIV
1ms/DIV
3472 FO4a


Similar Part No. - LT3472EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
More results

Similar Description - LT3472EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3472 LINER-LT3472_15 Datasheet
233Kb / 12P
   Boost and Inverting DC/DC Converter for CCD Bias
LT3487 LINER-LT3487_15 Datasheet
295Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
   Boost and Inverting Switching Regulator for CCD Bias
logo
Diodes Incorporated
AL8811 DIODES-AL8811 Datasheet
496Kb / 11P
   Boost/Buck/Inverting DC-DC CONVERTER
logo
Linear Technology
LT8582 LINER-LT8582 Datasheet
368Kb / 8P
   Dual 3A Boost/Inverting/SEPIC DC/DC Converter
LT3581 LINER-LT3581_15 Datasheet
466Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3579 LINER-LT3579 Datasheet
519Kb / 40P
   6A Boost/Inverting DC/DC Converter with Fault Protection
LT3581 LINER-LT3581 Datasheet
504Kb / 36P
   3.3A Boost/Inverting DC/DC Converter with Fault Protection
LT3579-1 LINER-LT3579-1_15 Datasheet
580Kb / 42P
   6A Boost/Inverting DC/DC Converter with Fault Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com