Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-A11112 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440K-A11112
Description  Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-A11112 Datasheet(HTML) 2 Page - Allen-Bradley

  440K-A11112 Datasheet HTML 1Page - Allen-Bradley 440K-A11112 Datasheet HTML 2Page - Allen-Bradley 440K-A11112 Datasheet HTML 3Page - Allen-Bradley 440K-A11112 Datasheet HTML 4Page - Allen-Bradley 440K-A11112 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Accessories
14-3
440A-A17029...440G-A07269
Item
Description
Approximate Dimensions—mm (inches)
Catalogue Number
Screw Pack (16 Security
Screws M4 x 20mm & Bit)
440A-A17029
Screw Pack (10 Security
Screws M5 x 20mm & Bit)
440A-A17030
Indicator, M20 Conduit
Pilot Light—Amber
440A-A19001
Indicator, M20 Conduit
Pilot Light—Red
440A-A19002
Indicator, 1/2in NPT
Conduit Pilot Light—
Amber
440A-A19005
Indicator, 1/2in NPT
Conduit Pilot Light—Red
440A-A19007
Atlas
Standard Actuator
440G-A07136
Atlas
Replacement End Cap
440G-A07180
Atlas
Fully Flex Actuator
440G-A07269
4
(0.16)
2 Mounting Holes for M5 Screws
10
(0.39)
30
(1.18)
50 (1.97)
3.5 (0.14)
18 (0.71)
10.5 (0.41)
5 (0.2)
5 (0.2)
5 (0.2)
52 (2.04)
Ctrs
14 (0.55)
56 (2.2)
12 (0.47)
21 (0.82)
18 (0.70)
90 (3.54)
24 (0.94)
M5
10 (0.39)
77 (3.03)
M5


Similar Part No. - 440K-A11112

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
142Kb / 4P
   Slamlock Electrical
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
122Kb / 4P
   Guard Locking Switches
More results

Similar Description - 440K-A11112

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com