Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3470AEDDB-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT3470AEDDB-TRPBF
Description  Micropower Buck Regulator with Integrated Boost and Catch Diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3470AEDDB-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT3470AEDDB-TRPBF Datasheet HTML 1Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 2Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 3Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 4Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 5Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 6Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 7Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 8Page - Linear Technology LT3470AEDDB-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3470A
5
3470afa
FB Bias Current (VFB = 1V)
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
FB Bias Current (VFB = 0V)
vs Temperature
Switch VCESAT (ISW = 100mA)
vs Temperature
Boost Diode VF (IF = 50mA)
vs Temperature
Catch Diode VF (IF = 100mA)
vs Temperature
Diode Leakage (VR = 36V)
vs Temperature
TEMPERATURE (°C)
–50
–25
0
20
60
50
0
50
75
3470a G08
10
40
30
25
100
125
TEMPERATURE (°C)
–50
80
100
120
25
75
3470a G09
60
40
–25
0
50
100
125
20
0
TEMPERATURE (°C)
–50
0.7
25
3470a G11
0.4
0.2
–25
0
50
0.1
0
0.8
0.6
0.5
0.3
75
100
125
TEMPERATURE (°C)
–50
200
250
300
25
75
3470a G10
150
100
–25
0
50
100
125
50
0
TEMPERATURE (°C)
–50
0.4
0.5
0.7
25
75
3470a G12
0.3
0.2
–25
0
50
100
125
0.1
0
0.6
TEMPERATURE (°C)
–50
–25
0
30
60
0
50
75
3470a G13
20
15
10
50
40
25
55
5
45
35
25
100
125
CATCH
BOOST
TA = 25°C unless otherwise noted.


Similar Part No. - LT3470AEDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
More results

Similar Description - LT3470AEDDB-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Allegro MicroSystems
A4450 ALLEGRO-A4450 Datasheet
680Kb / 34P
   Buck-Boost Controller with Integrated Buck MOSFET
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Active-Semi, Inc
ACT2861QI ACTIVE-SEMI-ACT2861QI Datasheet
4Mb / 91P
   30V Buck-Boost Charger with Integrated MOSFETs and OTG
Rev 2.0, 27-Apr-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com