Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440E-L13141 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440E-L13141
Description  Cable (Rope) Pull Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440E-L13141 Datasheet(HTML) 4 Page - Allen-Bradley

  440E-L13141 Datasheet HTML 1Page - Allen-Bradley 440E-L13141 Datasheet HTML 2Page - Allen-Bradley 440E-L13141 Datasheet HTML 3Page - Allen-Bradley 440E-L13141 Datasheet HTML 4Page - Allen-Bradley 440E-L13141 Datasheet HTML 5Page - Allen-Bradley 440E-L13141 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Emergency Stop Devices
6-11
Cable (Rope) Pull Switches
Lifeline 4
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Standard Model
Extended Length Models (75 to 125m cable span)
81 (3.19) min. to
94.5 (3.72) max.
4 Mounting Holes
Clearance for M5 Screws
85 (3.35)
10.5
(0.41)
115 (4.53)
37 (1.46)
101 (3.98)
7.0 (0.28)
51 (2.0)
85 (3.35)
Reset Button
Emergency Stop Button
4 Mounting Holes
Clearance for M5 Screws
101 (3.98)
7.0
(0.28)
81 (3.19) min. to
94.5 (3.72) max.
85 (3.35)
10.5
(0.41)
115 (4.53)
37 (1.46)


Similar Part No. - 440E-L13141

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440E-A13078 ALLEN-BRADLEY-440E-A13078 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
440E-A17003 ALLEN-BRADLEY-440E-A17003 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
440E-D13106 ALLEN-BRADLEY-440E-D13106 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
440E-D13108 ALLEN-BRADLEY-440E-D13108 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
440E-D13112 ALLEN-BRADLEY-440E-D13112 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
More results

Similar Description - 440E-L13141

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440E-D13120 ALLEN-BRADLEY-440E-D13120 Datasheet
136Kb / 4P
   Cable (Rope) Pull Switches
LRTS ALLEN-BRADLEY-LRTS Datasheet
85Kb / 2P
   Cable (Rope) Pull Switches
logo
Schneider Electric
XY2CZ96100 SCHNEIDER-XY2CZ96100 Datasheet
127Kb / 2P
   Telemecanique Emergency stop rope pull switches XY2C, XY2CED mounting kit accessories & cable D=5 mm L=2x50m
Jan 13, 2022
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
   HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
M-606 LITTELFUSE-M-606 Datasheet
277Kb / 1P
   MARINE PUSH PULL SWITCHES
2019 Rev: 021219
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
   ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
logo
Schneider Electric
XY2CE2A270EX SCHNEIDER-XY2CE2A270EX Datasheet
132Kb / 4P
   e-stop rope pull switch XY2CE - LH side -2NC - booted pushbutton
XY2CE1A270EX SCHNEIDER-XY2CE1A270EX Datasheet
122Kb / 4P
   e-stop rope pull switch XY2CE - RH side -2NC - booted pushbutton
logo
Molex Electronics Ltd.
1301250031 MOLEX11-1301250031 Datasheet
35Kb / 1P
   Wire Rope Festoon System Round Cable 6.40m
logo
Schneider Electric
XY2CEDA290EX SCHNEIDER-XY2CEDA290EX Datasheet
154Kb / 5P
   Dual e-stop rope pull switch EX - 2x(1NC 1NO) - boot. pb
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com