Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF966S Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. BF966S
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF966S Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BF966S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
4 (8)
Document Number 85004
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
–3
–2
–1
01
23456
VG2S – Gate 2 Source Voltage ( V )
12767
VDS=15V
VG1S=0
f=1MHz
Figure 7. Gate 2 Input Capacitance vs.
Gate 2 Source Voltage
–70
–60
–50
–40
–30
–20
–10
0
10
–5
–4
–3
–2
–1
0123
VG1S – Gate 1 Source Voltage ( V )
12768
4V
0V
2V
1V
3V
f= 200MHz
–0.5V
VG2S=–2...–3V
–1V
Figure 8. Transducer Gain vs. Gate 1 Source Voltage
0
2
4
6
8
10
12
14
16
18
20
22
24
0
5
10
15
20
25
30
ID – Drain Current ( mA )
12769
VDS=15V
f=1MHz
VG2S=4V
2V
3V
1V
0.5V
0V
Figure 9. Forward Transadmittance vs. Drain Current
0
2
4
6
8
10
12
14
16
18
20
0
2
4
6
8
1012 141618 20
Re (y11) ( mS )
12770
VDS=15V
VG2S=4V
f=100...1300MHz
f=1300MHz
700MHz
400MHz
1000MHz
100MHz
ID=5mA
ID=10mA
ID=20mA
Figure 10. Short Circuit Input Admittance
–0.1
0.0
0.1
0.2
0.3
0
0.1
0.2
0.3
0.4
0.5
Re (y12) ( mS )
12772
VDS=15V
VG2S=4V
f=100...1300MHz
f=1300MHz
700MHz
ID=5mA
10mA
20mA
1000MHz
Figure 11. Short Circuit Reverse Transfer Admittance
–40
–35
–30
–25
–20
–15
–10
–5
0
5
–8
–4
0
4
8
12
16
20
24
Re (y21) ( mS )
12771
VDS=15V
VG2S=4V
f=100...1300MHz
f=100MHz
1300MHz
1000MHz
400MHz
700MHz
ID=5mA
10mA
20mA
Figure 12. Short Circuit Forward Transfer Admittance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn