Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF966S Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. BF966S
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF966S Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BF966S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (8)
Document Number 85004
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Drain - source
breakdown voltage
ID = 10 mA, –VG1S = –VG2S = 4 V
V(BR)DS
20
V
Gate 1 - source
breakdown voltage
±IG1S = 10 mA, VG2S = VDS = 0
±V(BR)G1SS
8
14
V
Gate 2 - source
breakdown voltage
±IG2S = 10 mA, VG1S = VDS = 0
±V(BR)G2SS
8
14
V
Gate 1 - source
leakage current
±VG1S = 5 V, VG2S = VDS = 0
±IG1SS
50
nA
Gate 2 - source
leakage current
±VG2S = 5 V, VG1S = VDS = 0
±IG2SS
50
nA
Drain current
VDS = 15 V, VG1S = 0, VG2S = 4 V
BF966S
IDSS
4
18
mA
DS
G1S
G2S
BF966SA
IDSS
4
10.5
mA
BF966SB
IDSS
9.5
18
mA
Gate 1 - source
cut-off voltage
VDS = 15 V, VG2S = 4 V, ID = 20 mA
–VG1S(OFF)
2.5
V
Gate 2 - source
cut-off voltage
VDS = 15 V, VG1S = 0, ID = 20 mA
–VG2S(OFF)
2.0
V
Electrical AC Characteristics
VDS = 15 V, ID = 10 mA, VG2S = 4 V, f = 1 MHz , Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward transadmittance
y21s
15
18.5
mS
Gate 1 input capacitance
Cissg1
2.2
2.6
pF
Gate 2 input capacitance
VG1S = 0, VG2S = 4 V
Cissg2
1.1
pF
Feedback capacitance
Crss
25
35
fF
Output capacitance
Coss
0.8
1.2
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
25
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
Gps
18
dB
AGC range
VG2S = 4 to –2 V, f = 800 MHz
DGps
40
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1.0
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
F
1.8
dB


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn