Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440F-E0804S10 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440F-E0804S10
Description  Safety Edges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440F-E0804S10 Datasheet(HTML) 4 Page - Allen-Bradley

  440F-E0804S10 Datasheet HTML 1Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 2Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 3Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 4Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 5Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 6Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 7Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 8Page - Allen-Bradley 440F-E0804S10 Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Presence Sensing Safety Devices
2-97
Safety Edges
Safedge™ Profiles
Product Selection—“C” Rails
Code
Dimension—mm (inches)
Description
Catalogue Number
A
Aluminium type; Type C112/A
Suitable for all profiles.
3m (9.8ft) length
Weight: 258g/m (0.17lbs/ft)
440F-R1212
B
Zinc-Coated Steel; Type C112/S
Suitable for all profiles
2m (6.5ft) length
Weight: 663g/m (0.45lbs/ft)
440F-R1112
C
PVC Black; Type C112/PB
Suitable for all profiles
3m (9.8ft) length
Weight: 111g/m (0.07lbs/ft)
440F-R1212PB
D
PVC Red; Type C112/PR
Suitable for all profiles
3m (9.8ft) length
Weight: 111g/m (0.07lbs/ft)
440F-R1212PR
E
PVC Yellow; Type C112/PY
Suitable for all profiles
3m (9.8ft) length
Weight: 111g/m (0.07lbs/ft)
440F-R1212PY
F
Aluminium Vertical Lip; Type C112/
A2
Suitable for all profiles
2m (6.5ft) length
Weight: 368g/m (0.25lbs/ft)
440F-R1214
G
Aluminium Horizontal Lip;
Type C112/A3
Suitable for all profiles
2m (6.5ft) length
Weight: 388g/m (0.26lbs/ft)
440F-R1215
H
Aluminium Deep Channel;
Type C112/A4
Suitable for all profiles
2m (6.5ft) length
Weight: 345g/m (0.23lbs/ft)
440F-R1216
I
Aluminium;
Suitable for Mini Profile Only
2m (6.5ft) length
Weight: 150g/m (___lbs/ft)
440F-R1219
J
Aluminium
Suitable for Rubber Boot Only
?m (ft) length
Weight: 667g/m (0.448lbs/ft)
440F-R2151
NA
Aluminium
End Plate for C-Rail Option J
2 Plates
4 Screws, flat head, Philips, 10mm,
#6, Weight: 7g (0.01lbs)
440F-R2152
10
(0.39)
25 (0.98)
10
(0.39)
25 (0.98)
10
(0.39)
25 (0.98)
10
(0.39)
25 (0.98)
10
(0.39)
25 (0.98)
10
(0.39)
25 (0.98)
20 (0.79)
10
(0.39)
25 (0.98) 25 (0.98)
18
(0.71)
25 (0.98)
8.5
(0.33)
18 (0.71)
13
(0.51)
45 (1.77)
10
(0.4)
45 (1.77)


Similar Part No. - 440F-E0804S10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
440F-C251P ALLEN-BRADLEY-440F-C251P Datasheet
73Kb / 3P
   Safety Edges
440F-C252D ALLEN-BRADLEY-440F-C252D Datasheet
73Kb / 3P
   Safety Edges
More results

Similar Description - 440F-E0804S10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
logo
Bel Fuse Inc.
S422-0010-06 BEL-S422-0010-06 Datasheet
60Kb / 1P
   1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES
logo
Molex Electronics Ltd.
0700584102 MOLEX8-0700584102 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges
0700584086 MOLEX8-0700584086 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Reel Tin (Sn), Unplated Edges
0700584096 MOLEX8-0700584096 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges
0700584069 MOLEX8-0700584069 Datasheet
111Kb / 3P
   SL??Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Molex Electronics Ltd.
0700580069 MOLEX1-0700580069_18 Datasheet
42Kb / 1P
   SL Crimp Terminal, Female, 24-30 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700580102 MOLEX1-0700580102_18 Datasheet
43Kb / 1P
   SL Crimp Terminal, Female, 22-24 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700584084 MOLEX8-0700584084 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com