Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440A-A17030 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440A-A17030
Description  Accessories
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440A-A17030 Datasheet(HTML) 3 Page - Allen-Bradley

  440A-A17030 Datasheet HTML 1Page - Allen-Bradley 440A-A17030 Datasheet HTML 2Page - Allen-Bradley 440A-A17030 Datasheet HTML 3Page - Allen-Bradley 440A-A17030 Datasheet HTML 4Page - Allen-Bradley 440A-A17030 Datasheet HTML 5Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
14-4
Accessories
440G-A27011...440K-A11094
Item
Description
Approximate Dimensions—mm (inches)
Catalogue Number
GD2 Standard Actuator
(GD2 model only)
440G-A27011
Fully-Flexible Actuator
(GD2 model only)
440G-A27143
Sliding Bolt Actuator
(GD2 model only)
440G-A27163
Spartan/TLS-GD2/
440G-MT
Solenoid
Emergency Override
440G-A36026
Spartan Replacement
Actuator with Catch
Retainer and Guide
440G-A36050
T15/Trojan 5/Trojan 6
Catch and Retainer Kit
(Standard Model Only)
440K-A11094
3.5 (0.14)
40 (1.57)
52 (2.05)
18 (0.71)
M5 CSK
4
(0.16)
14.5
(0.57)
18 (0.71)
2 x M3
4 x Ø5.5
(0.22)
19
(0.75)
13
(0.51)
Ø10
(0.39)
20
(0.78)
50
(1.96)
20
19 (0.74)
50
100 (3.93)
42 (1.65)
18 (0.7)
Tapped M5
140 (5.51)
117.5 (4.62)
40
(1.57)
34 (1.33)
84
(3.3)
25.5
(1.0)
5.5
(0.21)
20.5 (0.8)
24
(0.94)
2.5 (0.09)
3.5 (0.14)
17.5 (0.69)
52 (2.05)
40 (1.57)
Mounting Holes for
M5 CSK Screws
40 (1.57)
52 (2.05)
Catch
Retainer
31.2
(1.23)
14.5
(0.57)
5 (0.2)
1.5
(0.06)
7.25
(0.29)
14.5
(0.57)
25.5
(1.0)
52 (2.05)
52 (2.05)
40 (1.57)
1.5 (0.06)
7.25
(0.29)
11.2 (0.44)
4
(0.16)
18
(0.71)
29
(1.14)
25.5
(1.0)
14.5
(0.57)
Catch Case
Catch Retainer


Similar Part No. - 440A-A17030

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440A-A17094 ALLEN-BRADLEY-440A-A17094 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440A-A17030

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com