Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF964S Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. BF964S
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BF964S Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BF964S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
6 (8)
Document Number 85003
VDS = 15 V, ID = 5 to 20 mA, VG2S = 4 V , Z0 = 50 W
S11
12 924
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
1300MHz
400
700
1000
100
Figure 14. Input reflection coefficient
S21
12 926
0
°
90
°
180
°
–90
°
0.8
1.6
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
1300MHz
400
700
1000
100
–30
°
ID= 20mA
10mA
5mA
Figure 15. Forward transmission coefficient
S12
12 925
0
°
90
°
180
°
–90
°
0.008
0.016
–150
°
–120
°
–60
°
–30
°
120
°
150
°
60
°
30
°
1300MHz
400
100
1000
ID= 20mA
10mA
5mA
Figure 16. Reverse transmission coefficient
S22
12 927
–j0.2
–j0.5
–j
–j2
–j5
0
j0.2
j0.5
j
j2
j5
1
0.2
0.5
1
2
5
1300MHz
700
100
Figure 17. Output reflection coefficient


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn