Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTG2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTG2
Description  Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT?
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTG2 Datasheet HTML 6Page - Linear Technology LTG2 Datasheet HTML 7Page - Linear Technology LTG2 Datasheet HTML 8Page - Linear Technology LTG2 Datasheet HTML 9Page - Linear Technology LTG2 Datasheet HTML 10Page - Linear Technology LTG2 Datasheet HTML 11Page - Linear Technology LTG2 Datasheet HTML 12Page - Linear Technology LTG2 Datasheet HTML 13Page - Linear Technology LTG2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT3464
10
3464f
APPLICATIO S I FOR ATIO
Output Disconnect Considerations
The LT3464 is equipped with an output disconnect that
isolates the load from the input during shutdown. See the
Operation section for a functional diagram. The output
disconnect uses a pass PNP coupled with circuitry that
varies the base current such that the transistor is consis-
tently at the edge of saturation, thus yielding the best
compromise between VCE(SAT) and low quiescent current.
To remain stable, this circuit requires a bypass capacitor
connected between the OUT pin and the CAP pin or
between the OUT pin and ground. A ceramic capacitor with
a value of at least 0.1
µF is a good choice.
The PNP VCE(SAT) varies with load current as shown in
Figure 5. This voltage drop (VDROP) can be accounted for
when using the CAP pin as the feedback node by setting
the output voltage according to the following formula:
RR
VV
V
OUT
DROP
REF
21
1
=
+


In addition, the disconnect circuit has a built in current
limit of 25mA (minimum) to protect the chip during short-
circuit. This feature allows the LT3464 to tolerate an
Figure 5: Output Disconnect Voltage Drop (VDROP) vs Current
Figure 4. Feedback Connection Using the CAP Pin and the OUT Pin
CTRL
SHDN
VIN
VOUT
SW
GND
OUT
CAP
FB
LT3464
R2
R1
1
8
7
6
3
5
2
4
CTRL
SHDN
VIN
VOUT
SW
GND
OUT
CAP
FB
LT3464
R2
R1
1
8
7
6
3
5
2
4
3464 F01
indefinite short, but care must be taken to avoid exceeding
the maximum junction temperature.
Inrush Current
When VIN is stepped from ground to operating voltage
while the output capacitor is discharged, an inrush current
will flow through the inductor and integrated Schottky
diode into the output capacitor. Conditions that increase
inrush current include a larger more abrupt voltage step at
VIN, a larger output capacitor tied to the CAP pin, and an
inductor with a low saturation current.
While the internal diode is designed to handle such events,
the inrush current should not be allowed to exceed 1 amp.
For circuits that use output capacitor values within the
recommended range and have input voltages of less than
5V, inrush current remains low, posing no hazard to
the device. In cases where there are large steps at VIN
(more than 5V) and/or a large capacitor is used at the CAP
pin, inrush current should be measured to ensure safe
operation.
COLLECTOR CURRENT (mA)
0
300
250
200
150
100
50
0
510
15
20
3464 F02
30
25


Similar Part No. - LTG2

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTG-0122M LITEON-LTG-0122M Datasheet
399Kb / 7P
   LED Display
LTG-0422G-S2 LITEON-LTG-0422G-S2 Datasheet
560Kb / 7P
   LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
   LED Display
logo
SICK AG
LTG-1605-MW SICK-LTG-1605-MW Datasheet
191Kb / 3P
   Plug connector cable
LTG-2102-MW SICK-LTG-2102-MW Datasheet
238Kb / 3P
   Plug connector cable
More results

Similar Description - LTG2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3464 LINER-LT3464_15 Datasheet
254Kb / 16P
   Micropower Boost Converter with Schottky and Output Disconnect in ThinSOT
LT3464 LINER-LT3464 Datasheet
260Kb / 16P
   Micropower Boost Converter with Integrated Schottky and Output Disconnect in ThinSOT
LT3473 LINER-LT3473 Datasheet
269Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473 LINER-LT3473_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LT3473A LINER-LT3473A_15 Datasheet
275Kb / 12P
   Micropower 1A Boost Converter with Schottky and Output Disconnect
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1 Datasheet
294Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com