Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3116 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SK3116
Description  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK3116 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK3116 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.27+0.1
-0.1
1.27+0.1
-0.1
5.08+0.1
-0.1
0.1max
2.54+0.2
-0.2
2.54
4.57+0.2
-0.2
0.4+0.2
-0.2
0.81+0.1
-0.1
TO-263
Unit: mm
1Gate
2Drain
3 Source
MOS Field Effect Transistor
2SK3116
Features
Low gate charge
QG = 26 nC TYP. (ID =7.5 A, VDD = 450 V, VGS =10V)
Gate voltage rating
30 V
Low on-state resistance
RDS(on) =1.2
MAX. (VGS =10V, ID =3.75A)
Avalanche capability ratings
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=600V,VGS=0
100
A
Gate leakage current
IGSS
VGS=
30V,VDS=0
100
A
Gate to source cut off voltage
VGS(off)
VDS=10V,ID=1mA
2.5
3.5
V
Forward transfer admittance
Yfs
VDS=10V,ID=3.75A
2.0
S
Drain to source on-state resistance
RDS(on)
VGS=10V,ID=3.75A
0.9
1.2
Input capacitance
Ciss
1100
pF
Output capacitance
Coss
200
pF
Reverse transfer capacitance
Crss
20
pF
Turn-on delay time
ton
18
ns
Rise time
tr
15
ns
Turn-off delay time
toff
50
ns
Fall time
tf
15
ns
VDS=10V,VGS=0,f=1MHZ
ID=3.75A,VGS(on)=10V,VDD=150V,RG=1
0
,RL=50
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
600
V
Gate to source voltage
VGSS
30
V
ID
7.5
A
Idp *
30
A
Power dissipation
TA=25
1.5
TC=25
70
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10
s,Duty Cycle
1%
Drain current
PD
W


Similar Part No. - 2SK3116

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3116 NEC-2SK3116 Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Inchange Semiconductor ...
2SK3116 ISC-2SK3116 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3116 RENESAS-2SK3116 Datasheet
237Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
NEC
2SK3116-S NEC-2SK3116-S Datasheet
70Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Inchange Semiconductor ...
2SK3116-S ISC-2SK3116-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3116

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com