Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440E-D13108 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440E-D13108
Description  Cable (Rope) Pull Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440E-D13108 Datasheet(HTML) 2 Page - Allen-Bradley

  440E-D13108 Datasheet HTML 1Page - Allen-Bradley 440E-D13108 Datasheet HTML 2Page - Allen-Bradley 440E-D13108 Datasheet HTML 3Page - Allen-Bradley 440E-D13108 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Emergency Stop Devices
6-5
Cable (Rope) Pull Switches
Lifeline 3
Product Selection
Accessories
Safety Contacts
Auxiliary Contacts
Catalogue Number
1/2in NPT Conduit
M20 Conduit
Quick Disconnect
2 N.C.
2 N.O.
440E-D13120
440E-D13118
440E-D13132
3 N.C.
1 N.O.
440E-D13114
440E-D13112
440E-D13124
4 N.C.
440E-D13108
440E-D13106
440E-D13136
Recommended Standard Cable Connector/Cordset (2m (6.5ft) (see page 15-13).
889M-F12X9AE-2
Description
Catalogue Number
P. Bolt Complete
M8 x 1.25 Thread Size
58mm (2.28in) Threaded Length
12mm (0.47in) Dia. Eye
95mm (3.74in) Overall Length
440E-A17003
Lifeline Tensioner Spring
19mm (0.75in) Diameter
210mm (8.27in) Overall Length
50N Force
440E-A13078
Inside Corner Pulley
440A-A17101
Outside Corner Pulley
440A-A17102


Similar Part No. - 440E-D13108

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440E-A13054 ALLEN-BRADLEY-440E-A13054 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
440E-A13078 ALLEN-BRADLEY-440E-A13078 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
440E-A17003 ALLEN-BRADLEY-440E-A17003 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
440E-A17115 ALLEN-BRADLEY-440E-A17115 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
440E-A17130 ALLEN-BRADLEY-440E-A17130 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
More results

Similar Description - 440E-D13108

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
LRTS ALLEN-BRADLEY-LRTS Datasheet
85Kb / 2P
   Cable (Rope) Pull Switches
440E-L13133 ALLEN-BRADLEY-440E-L13133 Datasheet
176Kb / 6P
   Cable (Rope) Pull Switches
logo
Schneider Electric
XY2CZ96100 SCHNEIDER-XY2CZ96100 Datasheet
127Kb / 2P
   Telemecanique Emergency stop rope pull switches XY2C, XY2CED mounting kit accessories & cable D=5 mm L=2x50m
Jan 13, 2022
logo
Littelfuse
72100 LITTELFUSE-72100 Datasheet
357Kb / 1P
   HEADLAMP PUSH PULL SWITCHES
2019 Rev: 021119
M-606 LITTELFUSE-M-606 Datasheet
277Kb / 1P
   MARINE PUSH PULL SWITCHES
2019 Rev: 021219
5007 LITTELFUSE-5007 Datasheet
502Kb / 1P
   ONE CIRCUIT PUSH PULL SWITCHES
2019 Rev: 021219
logo
Schneider Electric
XY2CE2A270EX SCHNEIDER-XY2CE2A270EX Datasheet
132Kb / 4P
   e-stop rope pull switch XY2CE - LH side -2NC - booted pushbutton
XY2CE1A270EX SCHNEIDER-XY2CE1A270EX Datasheet
122Kb / 4P
   e-stop rope pull switch XY2CE - RH side -2NC - booted pushbutton
logo
Molex Electronics Ltd.
1301250031 MOLEX11-1301250031 Datasheet
35Kb / 1P
   Wire Rope Festoon System Round Cable 6.40m
logo
Schneider Electric
XY2CEDA290EX SCHNEIDER-XY2CEDA290EX Datasheet
154Kb / 5P
   Dual e-stop rope pull switch EX - 2x(1NC 1NO) - boot. pb
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com