Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440F-E0110R05 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 440F-E0110R05
Description  Safety Edges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440F-E0110R05 Datasheet(HTML) 6 Page - Allen-Bradley

  440F-E0110R05 Datasheet HTML 1Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 2Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 3Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 4Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 5Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 6Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 7Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 8Page - Allen-Bradley 440F-E0110R05 Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Presence Sensing Safety Devices
2-99
Safety Edges
Safedge™ Profiles
Product Selection—Component Parts
Dimension
Name
Description
Catalogue Number
Connector and Cable
Use only on Mini Profile—1m
440F-A1181
Use only on Mini Profile—3m
440F-A1183
Use only on Mini Profile—5m
440F-A1185
Terminator
Use only on Mini Profile—
8k
(yellow) resistor for series termination
440F-A1186
Closing Cap
Use only on Mini Profile—
Closing Cap material: EPDM
440F-A1318
Cyanocrylate Adhesive
Contents: 3g. Sufficient for approximately
10 terminations.
440F-A0020
Shears
Use to cut profiles.
440F-A3084
Connection Box
Polycarbonate housing 53mm X 53mm X 35mm
complete with two pole terminal and
trumpet type screw on connector with strain
and relief clamp. For use with coiled cable
440F-A0116
Coiled Connection
Cable
2.5m (8.2ft) (extended) of flexible coiled cable.
440F-A2450
3.5m (11.5ft) (extended) of flexible coiled cable.
440F-A2700
Example application of profile using coiled cable. The
coiled cable can not be directly connected to the profile
due to the weight of the cable. The proper use of the coiled
cable is to connect the coiled cable to the profile through
the connection box. The coiled cable should be secured to
both the moving and stationary objects so as to prevent
straining of the terminal connections.
Control Unit
Connection Box
Coiled
Cable
Closing
Cap
Cable
Connector
Connector
with Resistor
Closing
Cap
“C” Rail
Connection Box


Similar Part No. - 440F-E0110R05

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
440F-C251P ALLEN-BRADLEY-440F-C251P Datasheet
73Kb / 3P
   Safety Edges
440F-C252D ALLEN-BRADLEY-440F-C252D Datasheet
73Kb / 3P
   Safety Edges
More results

Similar Description - 440F-E0110R05

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
logo
Bel Fuse Inc.
S422-0010-06 BEL-S422-0010-06 Datasheet
60Kb / 1P
   1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES
logo
Molex Electronics Ltd.
0700584102 MOLEX8-0700584102 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges
0700584086 MOLEX8-0700584086 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Reel Tin (Sn), Unplated Edges
0700584096 MOLEX8-0700584096 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges
0700584069 MOLEX8-0700584069 Datasheet
111Kb / 3P
   SL??Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Molex Electronics Ltd.
0700580069 MOLEX1-0700580069_18 Datasheet
42Kb / 1P
   SL Crimp Terminal, Female, 24-30 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700580102 MOLEX1-0700580102_18 Datasheet
43Kb / 1P
   SL Crimp Terminal, Female, 22-24 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700584084 MOLEX8-0700584084 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com