Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440F-E0110N10 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440F-E0110N10
Description  Safety Edges
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440F-E0110N10 Datasheet(HTML) 2 Page - Allen-Bradley

  440F-E0110N10 Datasheet HTML 1Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 2Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 3Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 4Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 5Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 6Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 7Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 8Page - Allen-Bradley 440F-E0110N10 Datasheet HTML 9Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Presence Sensing Safety Devices
2-95
Safety Edges
Safedge™ Profiles
Product Selection—Profiles
Code
(Page 2-100)
Dimension
Profile
Description
Cushion Factor
Length—
m (ft)
Catalogue Number
A
0110S
Black, EPDM,
Weight: 463g/m
(0.33lbs/ft)
5mm
5 (16.4)
440F-E0110S05
10 (32.8)
440F-E0110S10
20 (65.6)
440F-E0110S20
C
0110N
Black, NBR/CR,
Weight: 460g/m
(0.31lbs/ft)
5mm
5 (16.4)
440F-E0110N05
10 (32.8)
440F-E0110N10
20 (65.6)
440F-E0110N20
B
0110R
Red, EPDM,
Weight: 502g/m
(0.34lbs/ft)
5mm
5 (16.4)
440F-E0110R05
10 (32.8)
440F-E0110R10
20 (65.6)
440F-E0110R20
E
1610S
Black, EPDM,
Weight: 843g/m
(0.57lbs/ft)
19mm
5 (16.4)
440F-E1610S05
10 (32.8)
440F-E1610S10
20 (65.6)
440F-E1610S20
F
1610N
Black, NBR/CR,
Weight: 837g/m
(0.56lbs/ft)
19mm
5 (16.4)
440F-E1610N05
10 (32.8)
440F-E1610N10
20 (65.6)
440F-E1610N20
H
0310S
Black, EPDM,
Weight: 1209g/m
(0.81lbs/ft)
41mm
5 (16.4)
440F-E0310S05
10 (32.8)
440F-E0310S10
20 (65.6)
440F-E0310S20
D, J
0510S
Black, EPDM, with
Sealing Lip
Weight: 545g/m
(0.37lbs/ft)
5mm
5 (16.4)
440F-E0510S05
10 (32.8)
440F-E0510S10
20 (65.6)
440F-E0510S20
G, K
0804S
Black, EPDM, with
Sealing Lip
Weight: 1013g/m
(0.68lbs/ft)
19mm
5 (16.4)
440F-E0804S05
10 (32.8)
440F-E0804S10
20 (65.6)
440F-E0804S20
28.5 (1.12)
24.5
(0.96)
28.5 (1.12)
24.5
(0.96)
24.5
(0.96)
28.5 (1.12)
28.5 (1.12)
14
(0.55)
28.5 (1.12)
14
(0.55)
30 (1.18)
28.5 (1.12)
28-30
(1.10-1.18)
24.5
(0.96)
25 (0.98)
14
(0.55)
17
(0.67)


Similar Part No. - 440F-E0110N10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
440F-C251P ALLEN-BRADLEY-440F-C251P Datasheet
73Kb / 3P
   Safety Edges
440F-C252D ALLEN-BRADLEY-440F-C252D Datasheet
73Kb / 3P
   Safety Edges
More results

Similar Description - 440F-E0110N10

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440F-C251D ALLEN-BRADLEY-440F-C251D Datasheet
73Kb / 3P
   Safety Edges
logo
Bel Fuse Inc.
S422-0010-06 BEL-S422-0010-06 Datasheet
60Kb / 1P
   1 TAP BOTH EDGES CONTROLLED STANDARD DELAY MODULES
logo
Molex Electronics Ltd.
0700584102 MOLEX8-0700584102 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Loose, Tin (Sn), Unplated Edges
0700584086 MOLEX8-0700584086 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 22-24 AWG, Reel Tin (Sn), Unplated Edges
0700584096 MOLEX8-0700584096 Datasheet
109Kb / 2P
   SL??Crimp Terminal 70058, 24-30 AWG, Loose, Tin (Sn), Unplated Edges
0700584069 MOLEX8-0700584069 Datasheet
111Kb / 3P
   SL??Crimp Terminal 70058, 24-30 AWG, Reel, Tin (Sn), Unplated Edges
logo
SICK AG
FX3-GEPR00000 SICK-FX3-GEPR00000 Datasheet
322Kb / 5P
   SAFETY CONTROLLERS / SAFETY SYSTEMS
logo
Molex Electronics Ltd.
0700580069 MOLEX1-0700580069_18 Datasheet
42Kb / 1P
   SL Crimp Terminal, Female, 24-30 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700580102 MOLEX1-0700580102_18 Datasheet
43Kb / 1P
   SL Crimp Terminal, Female, 22-24 AWG, with Tin (Sn) Plated Contact, Unplated Edges
0700584084 MOLEX8-0700584084 Datasheet
110Kb / 2P
   SL??Crimp Terminal 70058, 32-36 AWG, Reel, Tin (Sn), Unplated Edges
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com