Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-T11425 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 440K-T11425
Description  Tongue Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11425 Datasheet(HTML) 6 Page - Allen-Bradley

  440K-T11425 Datasheet HTML 1Page - Allen-Bradley 440K-T11425 Datasheet HTML 2Page - Allen-Bradley 440K-T11425 Datasheet HTML 3Page - Allen-Bradley 440K-T11425 Datasheet HTML 4Page - Allen-Bradley 440K-T11425 Datasheet HTML 5Page - Allen-Bradley 440K-T11425 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Interlock Switches
3-19
Tongue Switches
Trojan 5 & 6
Typical Wiring Diagrams
Trojan 5
Contact Action
Trojan 6
Contact Action
Connector Pinout
2 N.C. + 1 N.O.
Terminal
Contact
111
N.C.
512
221
N.C.
622
333
N.O.
434
Connector Pinout
4 N.C.
3 N.C. + 1 N.O.
2 N.C. + 2 N.O.
Terminal
Contact
Terminal
Contact
Terminal
Contact
111
N.C.
11
N.C.
11
N.C.
712
12
12
621
N.C.
21
N.C.
21
N.C.
522
22
22
431
N.C.
31
N.C.
33
N.O.
332
32
34
841
N.C.
43
N.O.
43
N.O.
242
44
44
11
12
21
22
33
34
Auxiliary
Circuit (N.O.)
Safety
Circuit 2 (N.C.)
Safety
Circuit 1 (N.C.)
Contact Open
Contact Closed
2 N.C. + 1 N.O. (BBM)
2 N.C. + 1 N.O. (MBB)
11/12
21/22
33/34
20
15
10
5
0mm
11/12
21/22
33/34
20
15
10
5
0mm
5.5
4.8
11
12
31
32
41
42
21
22
11
12
31
32
43
44
21
22
11
12
33
34
43
44
21
22
Safety Circuit 4 (N.C.)
Safety Circuit 3 (N.C.)
Safety Circuit 1 (N.C.)
Safety Circuit 2 (N.C.)
4 N.C.
3 N.C. + 1 N.O.
2 N.C. + 2 N.O.
Auxiliary Circuit (N.O.)
Safety Circuit 3 (N.C.)
Safety Circuit 1 (N.C.)
Safety Circuit 2 (N.C.)
Auxiliary Circuit 2 (N.O.)
Auxiliary Circuit 1 (N.O.)
Safety Circuit 1 (N.C.)
Safety Circuit 2 (N.C.)
3
2
1
4
5
6
8
7
11/12
21/22
31/32
41/42
4 N.C.
3.8
3 N.C. + 1 N.O. (BBM)
2 N.C. + 2 N.O. (BBM)
20
15
10
3.8
0mm
Contact Open
Contact Closed
11/12
21/22
31/32
43/44
20
15
10
3.8
0mm
11/12
21/22
33/34
43/44
20
15
10
3.6
0mm
4.1
3.9
3 N.C. + 1 N.O. (MBB)
2 N.C. + 2 N.O. (MBB)
11/12
21/22
33/34
43/44
20
15
10
4.3
0mm
11/12
21/22
33/34
43/44
20
15
10
4.3
0mm
3.2
3.6


Similar Part No. - 440K-T11425

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11463 ALLEN-BRADLEY-440K-T11463 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-T11425

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com