Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-T11413 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440K-T11413
Description  Tongue Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-T11413 Datasheet(HTML) 1 Page - Allen-Bradley

  440K-T11413 Datasheet HTML 1Page - Allen-Bradley 440K-T11413 Datasheet HTML 2Page - Allen-Bradley 440K-T11413 Datasheet HTML 3Page - Allen-Bradley 440K-T11413 Datasheet HTML 4Page - Allen-Bradley 440K-T11413 Datasheet HTML 5Page - Allen-Bradley 440K-T11413 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-14
Interlock Switches
Tongue Switches
Trojan 5 & 6
Description
The Trojan family is a universal tongue (or key) actuated safety
interlock switch designed to fit at the leading edge of sliding, hinged or
lift-off guards. The dual key entry slots and rotatable head, movable
only by releasing the cover screws, allow four actuator entry options.
The Trojan contains all of the safety related functions—i.e., forced
guided contacts, tamper resistant mechanism—allowing the machine
to be safeguarded in compliance with the machine directive.
Operation of the switch is achieved through the insertion of a
specially profiled stainless steel key that is permanently mounted to
the leading edge of the guard door. The Trojan actuator includes a
self-ejecting mechanism that prevents operation of the switch if the
actuator is not mounted to the guard door (e.g., if the operator uses a
spare key).
The Trojan 6 is available with either 4 N.C. safety contacts, 3 N.C.
safety contacts and 1 N.O. auxiliary contact or 2 N.C. safety contacts
and 2 N.O. auxiliary contacts. The unit is sealed to IP67 and has three
M20 conduit entries.
Features
• Strong and versatile, can be used in most applications
• Self-ejecting tamper resistant actuator, only operates when
mounted to the guard
• Four possible actuator entry points, easy to install
• GD2 style available for demanding applications
• Conforms to EN1088, EN292, EN60947-5-1, EN60204-1
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occur which
becomes conductive due to condensation.
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus and BG
Safety Contacts
4 N.C. or 3 N.C. or 2 N.C. direct
opening action
Designation/Utilization Cat.
AC (Ue)
(Ie)
DC
500V 250V 100V
1A 2A 5A
250V 0.5A 24V 2A
Max Switched Current/
Voltage/Load
500V/500VA
Thermal Current (lth)
10A
Min Current
5V 5mA DC
Safety Contact Gap
>2 x 2mm (0.078in)
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand
Voltage
(Uimp) 2500V
Auxiliary Contacts
1 N.O. or 2 N.O.
Pollution Degree ➊
3
Actuator Travel for Positive
Opening
6mm (0.23in)
Min Operating Radius
175mm (6.89in)
(60mm) (2.36in) with flexible actuator)
Break Contact Min Force
20N (4.5lb)
Max Actuation Speed
160mm (6.29in) per sec
Max Actuation Frequency
2 Cycle per sec
Case Material
UL approved glass filled polyester
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
3 x M20 or quick disconnect style
Operating Temperature
-20°C to +80°C (-4°F to +176°F)
Fixing
2 x M5
Mounting
Any position
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
160g (0.35lbs)
Colour
Red


Similar Part No. - 440K-T11413

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11463 ALLEN-BRADLEY-440K-T11463 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-T11413

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-C21096 ALLEN-BRADLEY-440K-C21096 Datasheet
88Kb / 4P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com