Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440G-MT47034 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440G-MT47034
Description  Guard Locking Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440G-MT47034 Datasheet(HTML) 2 Page - Allen-Bradley

  440G-MT47034 Datasheet HTML 1Page - Allen-Bradley 440G-MT47034 Datasheet HTML 2Page - Allen-Bradley 440G-MT47034 Datasheet HTML 3Page - Allen-Bradley 440G-MT47034 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Interlock Switches
3-37
Guard Locking Switches
440G-MT
Product Selection
Accessories
Solenoid
Voltage
BBM/MBB
Contacts
Actuator
Catalogue Number
Safety
Aux.
M20 Conduit
1/2in NPT Adaptor
Quick Disconnect
24V AC/DC
BBM
3 N.C.
1 N.O.
Standard
440G-MT47037
440G-MT47039
440G-MT47041
Fully-Flex
440G-MT47038
440G-MT47040
440G-MT47042
440G-MT47007
440G-MT47008
440G-MT47043
2 N.C.
2 N.O.
Standard
440G-MT47044
440G-MT47046
440G-MT47048
Fully-Flex
440G-MT47045
440G-MT47047
440G-MT47049
440G-MT47010
440G-MT47011
440G-MT47050
—4 N.C.
440G-MT47031
440G-MT47032
440G-MT47069
110V AC/DC
BBM
3 N.C.
1 N.O.
Standard
440G-MT47070
440G-MT47073
440G-MT47075
Fully-Flex
440G-MT47071
440G-MT47074
440G-MT47076
440G-MT47013
440G-MT47009
440G-MT47072
2 N.C.
2 N.O.
Standard
440G-MT47077
440G-MT47079
440G-MT47081
Fully-Flex
440G-MT47078
440G-MT47080
440G-MT47082
440G-MT47012
440G-MT47014
440G-MT47083
—4 N.C.
440G-MT47033
440G-MT47034
440G-MT47106
230V AC/DC
BBM
3 N.C.
1 N.O.
440G-MT47016
440G-MT47017
440G-MT47107
2 N.C.
2 N.O.
440G-MT47015
440G-MT47024
440G-MT47108
—4 N.C.
440G-MT47035
440G-MT47036
440G-MT47111
M23 mating cable 2m (6.5ft). See page 15-13 for details and additional lengths.
889M-F12X9AE-2
Description
For Dimensions refer to page
Catalogue Number
TLS-GD2 Standard Actuator
14-4
440G-A27011
Flat Actuator
14-5
440K-A11112
Fully-Flexible Actuator
14-4
440G-A27143
Sliding Bolt Actuator
14-4
440G-A27163
Extended Flat Actuator
14-5
440K-A17116
Replacement Cover
No LED
No Override Key
440G-MT47120


Similar Part No. - 440G-MT47034

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
181Kb / 5P
   Accessories
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
181Kb / 5P
   Accessories
440G-A07269 ALLEN-BRADLEY-440G-A07269 Datasheet
103Kb / 4P
   Guard Locking Switches
More results

Similar Description - 440G-MT47034

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-B04025 ALLEN-BRADLEY-440K-B04025 Datasheet
105Kb / 2P
   Guard Locking Switches
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com