Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440G-MT47009 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440G-MT47009
Description  Guard Locking Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440G-MT47009 Datasheet(HTML) 3 Page - Allen-Bradley

  440G-MT47009 Datasheet HTML 1Page - Allen-Bradley 440G-MT47009 Datasheet HTML 2Page - Allen-Bradley 440G-MT47009 Datasheet HTML 3Page - Allen-Bradley 440G-MT47009 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-38
Interlock Switches
Guard Locking Switches
440G-MT
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
144 (5.66)
40
(1.57)
30 (1.18)
46
(1.81)
38
(1.49)
40.7 (1.60)
46.75 (1.84)
9.2
(0.36)
8.75 (0.34)
20.5
(0.80)
5 (0.19)
199 (7.83)
15.5
(0.61)
23 (0.90)
2 x Manual Release Points
4 x M5


Similar Part No. - 440G-MT47009

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07136 ALLEN-BRADLEY-440G-A07136 Datasheet
181Kb / 5P
   Accessories
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
103Kb / 4P
   Guard Locking Switches
440G-A07180 ALLEN-BRADLEY-440G-A07180 Datasheet
181Kb / 5P
   Accessories
440G-A07269 ALLEN-BRADLEY-440G-A07269 Datasheet
103Kb / 4P
   Guard Locking Switches
More results

Similar Description - 440G-MT47009

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-B04025 ALLEN-BRADLEY-440K-B04025 Datasheet
105Kb / 2P
   Guard Locking Switches
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com