Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-AM1201350 Datasheet(PDF) 6 Page - Allen-Bradley

Part # 440L-AM1201350
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-AM1201350 Datasheet(HTML) 6 Page - Allen-Bradley

  440L-AM1201350 Datasheet HTML 1Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 2Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 3Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 4Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 5Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 6Page - Allen-Bradley 440L-AM1201350 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Presence Sensing Safety Devices
2-13
Safety Light Curtains
GuardShield Type 4
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
Type
A
Protective Height
B
Mounting Value
C
Total Length
440L-P4J0160YD
160
±0.5
276
312
±1.5
440L-P4J0320YD
320
±0.5
436
472
±1.5
440L-P4J0480YD
480
±0.5
596
632
±1.5
440L-P4J0640YD
640
±0.5
756
792
±1.5
440L-P4J0800YD
800
±0.6
916
952
±1.5
440L-P4J0960YD
960
±0.6
1076
1112
±1.5
440L-P4J1120YD
1120
±0.6
1236
1272
±1.8
440L-P4J1280YD
1280
±0.7
1396
1432
±1.8
440L-P4J1440YD
1440
±0.7
1556
1592
±1.8
440L-P4J1600YD
1600
±0.8
1716
1752
±2.0
440L-P4J1760YD
1760
±0.8
1876
1912
±2.0
11 (0.43)
42 (1.65)
20
(0.79)
40
(1.57)
>80
(3.14)
75
(2.95)
C
B
A
52 (2.05)
42
(1.65)
20
(0.79)
40 (1.57)
18.9
(0.74)
14.5
(0.57)
52 (2.04)
3.0
(0.11)
32
(1.25)
Required Mounting Bracket (included with Light Curtain)
Safety Light Curtain
Optional Middle Mounting Bracket
Note: Should be used in vibration applications.
49.2 (1.93)
62
(2.44)
40.2
(1.58)
24
(0.94)
30 (1.18)
20 (0.78)


Similar Part No. - 440L-AM1201350

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-AMBRK1 ALLEN-BRADLEY-440L-AMBRK1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMBRK4 ALLEN-BRADLEY-440L-AMBRK4 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR1 ALLEN-BRADLEY-440L-AMIRR1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR2 ALLEN-BRADLEY-440L-AMIRR2 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR3 ALLEN-BRADLEY-440L-AMIRR3 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440L-AM1201350

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com