Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-AM1201050 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440L-AM1201050
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-AM1201050 Datasheet(HTML) 2 Page - Allen-Bradley

  440L-AM1201050 Datasheet HTML 1Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 2Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 3Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 4Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 5Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 6Page - Allen-Bradley 440L-AM1201050 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Presence Sensing Safety Devices
2-9
Safety Light Curtains
GuardShield Type 4
Product Selection
1. Safety Light Curtains—Standard System
The Allen-Bradley Guardmaster GuardShield safety light curtains are ordered as pairs
⎯transmitter and receiver⎯and are shipped under one
part number. Each GuardShield transmitter and receiver is packaged with two right angle mounting brackets. After selecting the appropriate
light curtain pair, ensure that required interfaces and accessories are ordered as well.
Note: The GuardShield transmitter requires a 4-pin cable and the receiver requires an 8-pin cable.
2. Cordsets
⎯2 Required (one for transmitter and one for receiver)
Protected Height
mm (inch)
Resolution
mm (inch)
No.
Beams
Catalogue
Number
Protected Height
mm (inch)
Resolution
mm (inch)
No.
Beams
Catalogue Number
160 (6.3)
14 (0.55)
16
440L-P4J0160YD
160 (6.3)
30 (1.18)
8
440L-P4K0160YD
320 (12.6)
14 (0.55)
32
440L-P4J0320YD
320 (12.6)
30 (1.18)
16
440L-P4K0320YD
480 (18.9)
14 (0.55)
48
440L-P4J0480YD
480 (18.9)
30 (1.18)
24
440L-P4K0480YD
640 (25.2)
14 (0.55)
64
440L-P4J0640YD
640 (25.2)
30 (1.18)
32
440L-P4K0640YD
800 (31.5)
14 (0.55)
80
440L-P4J0800YD
800 (31.5)
30 (1.18)
40
440L-P4K0800YD
960 (37.8)
14 (0.55)
96
440L-P4J0960YD
960 (37.8)
30 (1.18)
48
440L-P4K0960YD
1120 (44.1)
14 (0.55)
112
440L-P4J1120YD
1120 (44.1)
30 (1.18)
56
440L-P4K1120YD
1280 (50.4)
14 (0.55)
128
440L-P4J1280YD
1280 (50.4)
30 (1.18)
64
440L-P4K1280YD
1440 (56.7)
14 (0.55)
144
440L-P4J1440YD
1440 (56.7)
30 (1.18)
72
440L-P4K1440YD
1600 (63.0)
14 (0.55)
160
440L-P4J1600YD
1600 (63.0)
30 (1.18)
80
440L-P4K1600YD
1760 (69.1)
14 (0.55)
176
440L-P4J1760YD
1760 (69.1)
30 (1.18)
88
440L-P4K1760YD
Female Connector (Sensor End)
Cable
Catalogue Number
Face View of Female
Connector Style
Pin/Wire Colour
Wire Rating
Length—m (ft)
Transmitter
Straight
1 Brown
2 White
3 Blue
4 Black
22AWG
300V
3A
2 (6.5)
889D-F4AC-2
5 (16.4)
889D-F4AC-5
10 (32.8)
889D-F4AC-10
15 (49.2)
889D-F4AC-15
20 (65.6)
889D-F4AC-20
30 (98.4)
889D-F4AC-30
Receiver
Straight
1 White
2 Brown
3 Green
4 Yellow
5 Grey
6 Pink
7 Blue
8 Red
24AWG
36V DC/30V AC
1.5A
2 (6.5)
889D-F8AB-2
5 (16.4)
889D-F8AB-5
10 (32.8)
889D-F8AB-10
15 (49.2)
889D-F8AB-15
20 (65.6)
889D-F8AB-20
30 (98.4)
889D-F8AB-30
4
3
2
1
6
3
4
8
2
5
1
7


Similar Part No. - 440L-AM1201050

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-AMBRK1 ALLEN-BRADLEY-440L-AMBRK1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMBRK4 ALLEN-BRADLEY-440L-AMBRK4 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR1 ALLEN-BRADLEY-440L-AMIRR1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR2 ALLEN-BRADLEY-440L-AMIRR2 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMIRR3 ALLEN-BRADLEY-440L-AMIRR3 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440L-AM1201050

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com