Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-AGWS0480 Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440L-AGWS0480
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-AGWS0480 Datasheet(HTML) 4 Page - Allen-Bradley

  440L-AGWS0480 Datasheet HTML 1Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 2Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 3Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 4Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 5Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 6Page - Allen-Bradley 440L-AGWS0480 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Presence Sensing Safety Devices
2-11
Safety Light Curtains
GuardShield Type 4
Product Selection (continued)
5. Accessories
⎯Optional
Mounting Stand—440L-AMSTD
Laser Alignment Tool
Description
Catalogue Number
Steel L-shaped end cap mounting bracket (4 per package)
Note: Four brackets supplied with each GuardShield pair.
440L-AF6101
Aluminium middle mounting bracket for vibratory applications
440L-AF6108
Power supply: Output 24V DC, 3 Amps, 72W
1606-XLP72E
Laser Alignment Tool
440L-ALAT
Mounting Stand
440L-AMSTD
GuardShield Laser Alignment Tool Bracket
440L-AF6109
11.1 (7/16) Dia.
63.5 (2.5)
19.05 (0.75)
25.4
(1.0)
1828.8
(72)
381.0
6.35 (0.25)
12.7 (1/2) Dia.
25.4
(1.0)
304.8
(12)
6.35
(0.25)
(15)
76.2
(3.0)
GuardShield LAT Bracket
440L-AF6109
4.29 (0.169) hole dia.
81
° x 2.66 (0.105)
countersink
17.78
(0.70)
35.56 (1.4)
44.45 (1.75)
Laser Alignment Tool (LAT)
440L-ALAT
62.48
(2.46)
66.8 (2.63)
12.19 (0.48)
19.05 (0.75)
4 (0.15)


Similar Part No. - 440L-AGWS0480

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-A2MIRSTND ALLEN-BRADLEY-440L-A2MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-A3MIRSTND ALLEN-BRADLEY-440L-A3MIRSTND Datasheet
263Kb / 12P
   Safety Light Curtains
440L-ALAT ALLEN-BRADLEY-440L-ALAT Datasheet
119Kb / 6P
   Safety Light Curtains
440L-ALBRK1 ALLEN-BRADLEY-440L-ALBRK1 Datasheet
119Kb / 6P
   Safety Light Curtains
440L-AMBRK1 ALLEN-BRADLEY-440L-AMBRK1 Datasheet
119Kb / 6P
   Safety Light Curtains
More results

Similar Description - 440L-AGWS0480

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com