Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-A11112 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440K-A11112
Description  Guard Locking Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-A11112 Datasheet(HTML) 1 Page - Allen-Bradley

  440K-A11112 Datasheet HTML 1Page - Allen-Bradley 440K-A11112 Datasheet HTML 2Page - Allen-Bradley 440K-A11112 Datasheet HTML 3Page - Allen-Bradley 440K-A11112 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-36
Interlock Switches
Guard Locking Switches
440G-MT
Description
The 440G-MT solenoid switch is a positive mode, tongue operated
guard locking interlock switch that locks a machine guard closed
until power is isolated and ensures that it remains isolated while the
guard is open. The guard may only be opened when a signal is
applied to the internal solenoid which releases the lock mechanism.
The 440G-MT locking mechanism withstands forces up to 1600N
(360lbs) and the die-cast alloy housing is ideal for use in harsh
environments.
The 440G-MT solenoid switch is designed for machines that do not
stop immediately or where premature interruption of the machine
could cause damage to tooling and components or cause an
additional hazard.
Features
• Mechanical lock
• High locking force—1600N (360lbs.)
• Heavy duty die-cast alloy housing ideal for harsh environments
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-
1, NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
cULus, TUV
Safety Contacts
4 N.C., 3 N.C., 2 N.C. direct opening
action
Auxiliary Contacts
1 N.O., 2 N.O.
Utilisation Category
AC (Ue)
(le)
DC
AC 15
250V
2A
250V 0.5A, 24V 2A
Max. Switched Current/Volt/
Load
500V 500VA
Thermal Current (lth)
5A
Min Current
5V, 5mA DC
Safety Contact Gap
> 2mm contact block
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse withstand Voltage
(Uimp) 2500V
Auxiliary Contacts
1 N.O.
Pollution Degree
3
Actuator Travel for Positive
Opening
15mm (0.59in)
Break Contact Min Force
6N (1.35lbs)
Max Actuation Speed
160mm per sec (6.3 in. per sec)
Max Actuation Frequency
2 Cycle per sec
Case Material
Painted zinc alloy
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
3 x M20, 3 x 1/2in NPT or quick
disconnect style
Operating Temperature
-25°C to +60°C (13°F to +140°F)
Fixing
4 x M5
Mechanical Life
1,000,000 cycles
Electrical Life
1,000,000 cycles
Weight
1400g (3.08lbs)
Colour
Red
Torque Settings
Fixing Bolts
Lid Screws
Terminal Screws
1.6Nm
1.6Nm
1.6Nm
Max Holding Force
1600N (360lbs)
Min Operating Radius
60mm (2.36in)
Power Supply
24V AC/DC or 110V AC or 230V AC
Solenoid Power
13W typical 100% ED
Solenoid Rating
100%


Similar Part No. - 440K-A11112

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
142Kb / 4P
   Slamlock Electrical
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
181Kb / 5P
   Accessories
More results

Similar Description - 440K-A11112

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-B04025 ALLEN-BRADLEY-440K-B04025 Datasheet
105Kb / 2P
   Guard Locking Switches
440G-S36001 ALLEN-BRADLEY-440G-S36001 Datasheet
123Kb / 4P
   Guard Locking Switches
440G-L07264 ALLEN-BRADLEY-440G-L07264 Datasheet
103Kb / 4P
   Guard Locking Switches
TLS3-GD2 ALLEN-BRADLEY-TLS3-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
TLS1-GD2 ALLEN-BRADLEY-TLS1-GD2 Datasheet
29Kb / 1P
   Guard Locking Interlocks
MSR6R ALLEN-BRADLEY-MSR6R_1 Datasheet
29Kb / 1P
   Guard Locking Interlocks
logo
List of Unclassifed Man...
D4DL ETC-D4DL Datasheet
226Kb / 16P
   Compact Guard-locking Interlock Safety Door Switch
logo
CoolCox Limited All rig...
CCFG8CM COOLCOX-CCFG8CM Datasheet
461Kb / 1P
   Fan Guard
CCFG6CM COOLCOX-CCFG6CM Datasheet
415Kb / 1P
   Fan Guard
CCFG7CM COOLCOX-CCFG7CM Datasheet
442Kb / 1P
   Fan Guard
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com