Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23120 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440R-N23120
Description  Safety Light Curtains
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23120 Datasheet(HTML) 5 Page - Allen-Bradley

  440R-N23120 Datasheet HTML 1Page - Allen-Bradley 440R-N23120 Datasheet HTML 2Page - Allen-Bradley 440R-N23120 Datasheet HTML 3Page - Allen-Bradley 440R-N23120 Datasheet HTML 4Page - Allen-Bradley 440R-N23120 Datasheet HTML 5Page - Allen-Bradley 440R-N23120 Datasheet HTML 6Page - Allen-Bradley 440R-N23120 Datasheet HTML 7Page - Allen-Bradley 440R-N23120 Datasheet HTML 8Page - Allen-Bradley 440R-N23120 Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2-38
Presence Sensing Safety Devices
Safety Light Curtains
Perimeter Access Control
Product Selection
7. Accessories—Mirrors and Mounting Columns
Corner Mirror
Specially constructed mirrors for 2 and 3 sided safeguarding applications. NOTE: Each mirror reduces maximum scan range by 10% per
mirror.
Mounting Columns
Muting Sensors
For PAC Models
Catalogue Number
2 Beam
500mm beam spacing
440L-A2MIRSTND
3 Beam
400mm beam spacing
440L-A3MIRSTND
Mirror mounting shims
440L-ASHIM
Description
Catalogue Number
Floor mounted column for 2 beam PAC
500mm beam spacing
440L-AMTSTND2B
Floor mounted column for 3 beam PAC
400mm beam spacing
440L-AMTSTND3B
Floor mounted column for 2 beam PAC column
with muting lamp
500mm beam spacing
440L-AMUTSTDLP2B
Floor mounted column for 3 beam PAC column
with muting lamp
400mm beam spacing
440L-AMUTSTDLP3B
Sensor
Connection Location
Type
Catalogue Number
Transmitted Beam
Transmitter (powered from an external supply)
Dark Switching
42GRL-9000-QD➋
Receiver (connected directly to the muting module or 8100)
42GRR-9000-QD➊➋
Retroreflective
Connected directly to muting module or 8100
42GRU-9000-QD➊➋
3 inch standard reflector
92-39
Polarized Retroreflective
Connected directly to muting module or 8100
42GRU-9200-QD➊➋
3 inch standard reflector
92-39
Mechanical Limit Switch
Connected directly to muting module or 8100
(Operating Lever must be selected separately.)
802M-NX10➊➋
➊ Use with 4-pin, 3-wire DC Micro patchcord when connecting to muting module (5m length shown). 1m, 2m, 3m, and 5m lengths
available, catalogue number 889D-F3ACDM-*. Where * = length in meters.
889D-F3ACDM-5
➋ Recommended cordset. when connecting to the 440L-M8100. Five meter length shown, other lengths available,
see page 15-10 of this catalogue.
889D-F4AC-5


Similar Part No. - 440R-N23120

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23120 ALLEN-BRADLEY-440R-N23120 Datasheet
104Kb / 4P
   Safety Laser Scanner
440R-N23120 ALLEN-BRADLEY-440R-N23120 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23120 ALLEN-BRADLEY-440R-N23120 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23120 ALLEN-BRADLEY-440R-N23120 Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440R-N23120

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com