Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23117 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440R-N23117
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23117 Datasheet(HTML) 3 Page - Allen-Bradley

  440R-N23117 Datasheet HTML 1Page - Allen-Bradley 440R-N23117 Datasheet HTML 2Page - Allen-Bradley 440R-N23117 Datasheet HTML 3Page - Allen-Bradley 440R-N23117 Datasheet HTML 4Page - Allen-Bradley 440R-N23117 Datasheet HTML 5Page - Allen-Bradley 440R-N23117 Datasheet HTML 6Page - Allen-Bradley 440R-N23117 Datasheet HTML 7Page - Allen-Bradley 440R-N23117 Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2-28
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Product Selection
3. Programmable Interface
Optional
4. Safety Relay Interfaces
Required
Note: For wiring refer to Safeguarding Applications section of this catalogue.
5. Safety Relay Interfaces
Optional
Input
Voltage
Reset
Floating
Blanking
Fixed
Blanking
PSDI
Muting
Outputs
More
Details
Catalogue Number
24V DC
Manual/
Automatic
yes
yes
yes
yes
2 PNP
OSSD
1 Aux. PNP
2-60
440L-M8100
Input
Voltage
Reset
Floating
Blanking
Fixed
Blanking
PSDI
Muting
Outputs
More
Details
Catalogue Number
24V DC
Manual/
Automatic
no
no
no
no
4 amp
2 N.O.
Safety
1 N.C.
Aux.
2-58
440L-M8200
Relay
Input
Safety
Outputs
Auxiliary
Outputs
Terminals
Power
Supply
Reset
Catalogue
Number
MSR127RP
1NC,
2NC, or
Light Curtain
3 N.O.
1 N.C.
Removable
24V AC/DC
Automatic/Manual
440R-N23132
Monitored Manual
440R-N23135
115V AC
Automatic/Manual
440R-N23131
Monitored Manual
440R-N23134
230V AC
Automatic/Manual
440R-N23130
Monitored Manual
440R-N23133
MSR126
Light Curtain or
Single Channel
(MSR126T)
2 N.O.
None
Fixed
24V AC/DC
Automatic/Manual
440R-N23117
115V AC
440R-N23116
230V AC
440R-N23115
Dual Channel
(MSR126.1T)
24V AC/DC
440R-N23114
115V AC
440R-N23113
230V AC
440R-N23112
Light Curtain or
Single Channel
(MSR126R)
24V AC/DC
Monitored Manual
440R-N23123
115V AC
440R-N23122
230V AC
440R-N23121
Dual Channel
(MSR126.1R)
24V AC/DC
440R-N23120
115V AC
440R-N23119
230V AC
440R-N23118
MSR131RTP
Light Curtain
or
Safety Mat
3 N.O.
2 N.C.
2 PNP Solid
State
Removable
24V AC/DC
Automatic/Manual
or
Monitored Manual
440R-C23139
115V AC
440R-C23137
230V AC
440R-C23136


Similar Part No. - 440R-N23117

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
119Kb / 6P
   Safety Light Curtains
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23117 ALLEN-BRADLEY-440R-N23117 Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440R-N23117

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com