Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440K-C21057 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440K-C21057
Description  Tongue Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440K-C21057 Datasheet(HTML) 1 Page - Allen-Bradley

  440K-C21057 Datasheet HTML 1Page - Allen-Bradley 440K-C21057 Datasheet HTML 2Page - Allen-Bradley 440K-C21057 Datasheet HTML 3Page - Allen-Bradley 440K-C21057 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-6
Interlock Switches
Tongue Switches
Cadet 3
Description
The Cadet 3 is a tongue (or key) operated safety interlock switch
designed to fit at the leading edge of sliding, hinged or lift-off guards.
With its dual entry slots and rotatable head, the versatile Cadet 3 can
offer up to eight different actuator entry options. The unique compact
housing (90.5 x 31 x 30.4mm (3.56 x 1.22 x 1.19in)) has industry
standard DIN 50047 fixing centres for ease of mounting.
Operation of the switch is achieved through the insertion of a
specially profiled stainless steel key that is permanently mounted to
the guard door. A semi-flexible key allows the Cadet 3 to be used on
small radii doors (60mm or 2.36in).
Available with a variety of contact configurations, the Cadet 3 is
sealed to IP67. A blanking plug is supplied for the unused key entry.
Features
•Compact size
• Ideal for small, light weight guards
• Contacts, 2 N.C. + 1 N.O. or 3 N.C.
•Sealed to IP67
• Eight possible actuator entry points, easy to install
• Industry standard fixing centres to DIN 50047
Applications
Note: Lift-off guards require good alignment when using
tongue actuated interlock switches.
IMPORTANT: It must not be possible to lift the guard
without actuating the interlock. An interlock on either
side may be required.
Specifications
➊ Conductive pollution occurs, or dry, non conductive pollution occur which
becomes conductive due to condensation.
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119, IEC/
EN60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 1 Device per EN954-1
Dual channel interlocks suitable for
Cat. 3 or 4 systems
Approvals
CE marked for all applicable directives,
cULus, TUV Nord
Safety Contacts
2 N.C. or 3 N.C. direct opening action
Designation/Utilization Cat.
A600/AC-15 (Ue)
(Ie)
N600/DC-13 (Ue)
(Ie)
600V 500V 240V 120V
1.2A 1.4A 3A 6A
600V 500V 250V 125V
0.4A 0.55A 1.1A 2.2A
Thermal Current (lth)
10A
Min Current
5V 5mA DC
Typical Contact Resistance
5m
Rtd. Insulation Voltage
(Ui) 500V
Rtd. Impulse Withstand Volt.
(Uimp) 2500V
Auxiliary Contacts
1 N.O.
Pollution Degree ➊
3
Actuator Travel for Positive
Opening
5mm (0.098in)
Min Operating Radius
150mm (5.905in)
(60mm (2.36in) with GD2 kit)
Break Contact Min Force
15N (3.38pd)
Max Actuation Speed
160mm (6.299) per sec
Max Actuation Frequency
2 Cycle per sec
Case Material
UL approved glass filled polyester
Actuator Material
Stainless Steel
Protection
IP67
Conduit Entry
1 x M16 or quick-disconnect style
Operating Temperature
-20°C to + 80°C (-4°F to +176°F)
Fixing
2 x M4
Mounting
Any position
Mechanical Life
1,000,000 operations
Electrical Life
1,000,000 operations
Weight
80g (0.176lbs)
Colour
Red


Similar Part No. - 440K-C21057

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11094 ALLEN-BRADLEY-440K-A11094 Datasheet
181Kb / 5P
   Accessories
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
128Kb / 6P
   Tongue Switches
440K-A11095 ALLEN-BRADLEY-440K-A11095 Datasheet
181Kb / 5P
   Accessories
440K-A11112 ALLEN-BRADLEY-440K-A11112 Datasheet
135Kb / 4P
   Tongue Switches
More results

Similar Description - 440K-C21057

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440K-T11090 ALLEN-BRADLEY-440K-T11090 Datasheet
128Kb / 6P
   Tongue Switches
MT-GD2 ALLEN-BRADLEY-MT-GD2 Datasheet
152Kb / 4P
   Tongue Switches
440K-E33036 ALLEN-BRADLEY-440K-E33036 Datasheet
507Kb / 4P
   Tongue Switches
T15 ALLEN-BRADLEY-T15 Datasheet
135Kb / 4P
   Tongue Switches
logo
Molex Electronics Ltd.
0638854600 MOLEX11-0638854600 Datasheet
64Kb / 1P
   Mini-Mac Applicator for Ring Tongue, Rectangle Tongue, Spade Tongue, Hook Tongue,
logo
Allen-Bradley
MSR10RD ALLEN-BRADLEY-MSR10RD Datasheet
25Kb / 1P
   Tongue Interlocks
logo
Tyco Electronics
62638-1 MACOM-62638-1 Datasheet
52Kb / 1P
   RING TONGUE
165012 MACOM-165012 Datasheet
48Kb / 1P
   RECTANGULAR TONGUE SLOTTED
logo
List of Unclassifed Man...
SRA-01T-3.2 ETC2-SRA-01T-3.2 Datasheet
131Kb / 3P
   RING TONGUE TERMINAL
logo
Tyco Electronics
130090 MACOM-130090 Datasheet
66Kb / 1P
   TERMINAL, RING TONGUE, P.I.D.G
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com