Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-P4D1800-N Datasheet(PDF) 7 Page - Allen-Bradley

Part # 440L-P4D1800-N
Description  Safety Light Curtains
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4D1800-N Datasheet(HTML) 7 Page - Allen-Bradley

  440L-P4D1800-N Datasheet HTML 1Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 2Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 3Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 4Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 5Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 6Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 7Page - Allen-Bradley 440L-P4D1800-N Datasheet HTML 8Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2-32
Presence Sensing Safety Devices
Safety Light Curtains
Point of Operation Control
Typical Wiring Diagrams
Electrical Installation
Connecting the POC components is simple. Cable lengths up to
60m (196.8ft) are permitted (over-voltage protection for level 3 and
higher (IEC 801), see Technical Data). The transmitter is connected
to a 24V supply using a 7-conductor cable. The receiver is connected
to the machine control and 24V supply using a 7-conductor cable.
The maximum wire cross section is 1.5mm (0.06in) without jacket;
1mm (0.04in) with jacket. All light curtains come standard with pre-
wired mini style quick-disconnect connectors in the end-caps. The
POC requires +24V DC (± 20%) power supply, which is available
from Allen-Bradley Guardmaster.
LED Indicators
1
2
3
4
5
6 7
1
2
3
4
5
6 7
1
2
3
4
5
6 7
1
2
3
4
5
6 7
Transmitter
Receiver
NC = No Connection
Transmitter
Receiver
Power On
Output Active
(Amber)
Transmit
(Yellow)
(Green)
Output Inactive
(Red)
Weak Signal
(Amber)
Beam Break Required
(Yellow) (only with
440L-M8100)
POC (transmitter) cable pin diagram
Test Input (Transmitter)
The POC switches to the green condition after the supply voltage
has been applied, and the automatic power-up test has been
completed. If an external test is desired, a contact (normally closed)
can be connected at the test input (MCC = Machine Control
Contact). Minimum opening duration
≥50ms.
POC connection diagram
Continuous current during closed test input: 12mA. In-rush
current when closing: 150mA (20ms).
Test input open = Testing = Outputs on receiver inactive (red).
Test input closed = No test Outputs on receiver active (green).
Sender Cable Plug
Pin
Color
Function
1
2
3
4
5
6
7
Black
White
Blue
Brown
Grey
Yellow
Green
+24V DC
0V DC
Test
Test
N.C.
N.C.
PE
1
2
3
4
5
6
7
Pin #1
Pin #2
Pin #3
Pin #4
Pin #5
Pin #6
Pin #7
Pin #1 = +24V
Pin #2 = 0V
Pin #3 = Test
Pin #4 = Test
Pin #5 = NC
Pin #6 = NC
Pin #7 = PE
Internal
Connector
Mini
Plug
1
2
3
4
5
6
7
1
2
3
4
5
6
7
POC Transmitter
Inside View of Connector
POC Transmitter
Top View of Connector
POC Transmitter
test
test contact
0V
PE
+24V
or
1
3
4
2
7


Similar Part No. - 440L-P4D1800-N

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4G1500-N ALLEN-BRADLEY-440L-P4G1500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4G1500M-N ALLEN-BRADLEY-440L-P4G1500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500-N ALLEN-BRADLEY-440L-P4H2500-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H2500M-N ALLEN-BRADLEY-440L-P4H2500M-N Datasheet
263Kb / 12P
   Safety Light Curtains
440L-P4H3220-N ALLEN-BRADLEY-440L-P4H3220-N Datasheet
263Kb / 12P
   Safety Light Curtains
More results

Similar Description - 440L-P4D1800-N

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com