Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-M8200 Datasheet(PDF) 9 Page - Allen-Bradley

Part # 440L-M8200
Description  Safety Light Curtains
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-M8200 Datasheet(HTML) 9 Page - Allen-Bradley

Back Button 440L-M8200 Datasheet HTML 4Page - Allen-Bradley 440L-M8200 Datasheet HTML 5Page - Allen-Bradley 440L-M8200 Datasheet HTML 6Page - Allen-Bradley 440L-M8200 Datasheet HTML 7Page - Allen-Bradley 440L-M8200 Datasheet HTML 8Page - Allen-Bradley 440L-M8200 Datasheet HTML 9Page - Allen-Bradley 440L-M8200 Datasheet HTML 10Page - Allen-Bradley 440L-M8200 Datasheet HTML 11Page - Allen-Bradley 440L-M8200 Datasheet HTML 12Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
2-42
Presence Sensing Safety Devices
Safety Light Curtains
Perimeter Access Control
Approximate Dimensions—mm (inches) (continued)
Approximate Dimensions are not intended to be used for installation purposes.
Mounting the mirror columns—column 500
Bubble
Level
A
147.7
(5.81)
500
(19.69)
1216
(47.87)
400
(15.75)
A
147.7
(5.81)
115
(4.53)
A-A
M10
15mm Dia.
147.7
(5.81)
500
(19.69)
1216
(47.87)
400
(15.75)
3.1
(0.12)
180
(7.09)


Similar Part No. - 440L-M8200

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-M8200 ALLEN-BRADLEY-440L-M8200 Datasheet
160Kb / 8P
   Safety Light Curtains
440L-M8200 ALLEN-BRADLEY-440L-M8200 Datasheet
84Kb / 1P
   Safety Light Curtain Interfaces
More results

Similar Description - 440L-M8200

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com