Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-P4K0800YD Datasheet(PDF) 5 Page - Allen-Bradley

Part # 440L-P4K0800YD
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4K0800YD Datasheet(HTML) 5 Page - Allen-Bradley

  440L-P4K0800YD Datasheet HTML 1Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 2Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 3Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 4Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 5Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 6Page - Allen-Bradley 440L-P4K0800YD Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2-12
Presence Sensing Safety Devices
Safety Light Curtains
GuardShield Type 4
Weld Shields
The GuardShield weld shields are sold as pairs in the same lengths as
the protective heights of the GuardShield safety light curtain.
These polycarbonate weld shields are designed as disposable devices
whose purpose is to protect the front window of the GuardShield
from damage.
6. Corner Mirror for Multi-Sided Guarding
Specially constructed glass mirrors for 2 and 3 sided safeguarding
applications.
Note: Each mirror reduces maximum scan range by 10% per mirror.
For GuardShield Models
Catalogue Number
160
440L-AM1200300
320
440L-AM1200450
480
440L-AM1200600
640
440L-AM1200750
800
440L-AM1200900
960
440L-AM1201050
1120
440L-AM1201200
1280
440L-AM1201350
1440
440L-AM1201500
1600
440L-AM1201650
1760
440L-AM1201800
Mounting kit for mirrors. Each kit contains 1 bracket with fasteners. Order 2 kits per mirror.
440L-AM120BRK
Mounting stand for mirror and light curtains (see page 2-21)
440L-AMSTD
GS Weld Shield
Catalog Numbers
Dimension “L”
mm (in)
440L-AGWS0160
175.3 (6.9)
440L-AGWS0320
335.3 (13.20)
440L-AGWS0480
495.3 (19.50)
440L-AGWS0640
655.3 (25.80)
440L-AGWS0800
815.3 (32.10)
440L-AGWS0960
975.4 (38.40)
440L-AGWS1120
1135.4 (44.70)
440L-AGWS1280
1295.4 (51.00)
440L-AGWS1440
1455.4 (57.30)
440L-AGWS1600
1615.4 (63.60)
440L-AGWS1760
1778 (70.00)
49.5
(1.95)
L
37.3
(1.47)
R24
2X
10.16
(0.40)
3.0 (0.118)
Thick
R12 2X


Similar Part No. - 440L-P4K0800YD

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4B0300-N ALLEN-BRADLEY-440L-P4B0300-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0450-N ALLEN-BRADLEY-440L-P4B0450-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0600-N ALLEN-BRADLEY-440L-P4B0600-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0750-N ALLEN-BRADLEY-440L-P4B0750-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0900-N ALLEN-BRADLEY-440L-P4B0900-N Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440L-P4K0800YD

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com