Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440R-N23123 Datasheet(PDF) 2 Page - Allen-Bradley

Part # 440R-N23123
Description  Safety Light Curtains
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440R-N23123 Datasheet(HTML) 2 Page - Allen-Bradley

  440R-N23123 Datasheet HTML 1Page - Allen-Bradley 440R-N23123 Datasheet HTML 2Page - Allen-Bradley 440R-N23123 Datasheet HTML 3Page - Allen-Bradley 440R-N23123 Datasheet HTML 4Page - Allen-Bradley 440R-N23123 Datasheet HTML 5Page - Allen-Bradley 440R-N23123 Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Presence Sensing Safety Devices
2-47
Safety Light Curtains
Area Access Control
Product Selection
1a. Selection Guide for 0.5m to 18m Range
1b. Selection Guide for 15m to 70m Range
2. Safety Relay Interfaces—Optional if additional outputs required
Note: For wiring refer to Safeguarding Applications section of this catalogue.
3. Safety Relay Interfaces—Optional
Operating Voltage
Supply Current
Connection Type
Catalogue Number
Transmitter
Receiver
24V DC
Terminal Chamber with
Cable Gland (PG13.5 thread)
440L-T4F0018-Q
440L-R4F0018-Q
120V AC
440L-T4F90018-Q
440L-R4F90018-Q
Operating Voltage
Supply Current
Connection Type
Catalogue Number
Transmitter
Receiver
24V DC
Terminal Chamber with
Cable Gland (PG13.5 thread)
440L-T4F0070-Q
440L-R4F0070-Q
120V AC
440L-T4F90070-Q
440L-R4F90070-Q
Input
Voltage
Reset
Floating
Blanking
Fixed
Blanking
PSDI
Muting
Safety
Outputs
More
Details
Catalogue Number
24V DC
Manual/
Automatic
no
no
no
no
4 amp
2 N.O.
Safety
1 N.C.
Aux.
58
440L-M8200
Relay
Input
Safety
Outputs
Auxiliary
Outputs
Terminals
Power
Supply
Reset
Catalogue
Number
MSR127RP
1NC,
2NC, or
Light Curtain
3 N.O.
1 N.C.
Removable
24V AC/DC
Automatic/Manual
440R-N23132
Monitored Manual
440R-N23135
115V AC
Automatic/Manual
440R-N23131
Monitored Manual
440R-N23134
230V AC
Automatic/Manual
440R-N23130
Monitored Manual
440R-N23133
MSR126
Light Curtain or
Single Channel
(MSR126T)
2 N.O.
None
Fixed
24V AC/DC
Automatic/Manual
440R-N23117
115V AC
440R-N23116
230V AC
440R-N23115
Dual Channel
(MSR126.1T)
24V AC/DC
440R-N23114
115V AC
440R-N23113
230V AC
440R-N23112
Light Curtain or
Single Channel
(MSR126R)
24V AC/DC
Monitored Manual
440R-N23123
115V AC
440R-N23122
230V AC
440R-N23121
Dual Channel
(MSR126.1R)
24V AC/DC
440R-N23120
115V AC
440R-N23119
230V AC
440R-N23118
MSR131RTP
Light Curtain
or
Safety Mat
3 N.O.
2 N.C.
2 PNP Solid
State
Removable
24V AC/DC
Automatic/Manual
or
Monitored Manual
440R-C23139
115V AC
440R-C23137
230V AC
440R-C23136


Similar Part No. - 440R-N23123

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440R-N23123 ALLEN-BRADLEY-440R-N23123 Datasheet
168Kb / 7P
   Safety Light Curtains
440R-N23123 ALLEN-BRADLEY-440R-N23123 Datasheet
263Kb / 12P
   Safety Light Curtains
440R-N23123 ALLEN-BRADLEY-440R-N23123 Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440R-N23123

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com