Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3437EFE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3437EFE
Description  High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437EFE Datasheet(HTML) 3 Page - Linear Technology

  LT3437EFE Datasheet HTML 1Page - Linear Technology LT3437EFE Datasheet HTML 2Page - Linear Technology LT3437EFE Datasheet HTML 3Page - Linear Technology LT3437EFE Datasheet HTML 4Page - Linear Technology LT3437EFE Datasheet HTML 5Page - Linear Technology LT3437EFE Datasheet HTML 6Page - Linear Technology LT3437EFE Datasheet HTML 7Page - Linear Technology LT3437EFE Datasheet HTML 8Page - Linear Technology LT3437EFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT3437
3437fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVIN
Supply Quiescent Current
BIAS = 0V, FB = 1.15V, VC = 0.8V, SYNC = 2V
1.35
2
mA
BIAS = 5V, FB = 1.15V, VC = 0.8V, SYNC = 2V
0.475
1
mA
Minimum BIAS Voltage (Note 5)
2.7
3.15
V
IBIASS
BIAS Sleep Current (Note 4)
110
180
µA
IBIAS
BIAS Quiescent Current
SYNC = 2V
0.75
1
mA
Minimum Boost Voltage (Note 6)
ISW = 500mA
1.8
2.5
V
Input Boost Current (Note 7)
ISW = 0.5A
11
16
mA
ISW = 0.25A
8
13
mA
VREF
Reference Voltage (VREF)
3.3V < VVIN < 80V
1.225
1.25
1.275
V
IFB
FB Input Bias Current
50
200
nA
EA Voltage Gain (Note 8)
900
V/V
EA Voltage gm
dI(VC)= ±10µA
650
µMho
EA Source Current
FB = 1.15V
15
35
55
µA
EA Sink Current
FB = 1.35V
15
30
55
µA
VC to SW gm
1A/V
VC Switching Threshold
VSYNC = 2V
500
mV
VC High Clamp
1.5
1.75
2.1
V
IPK
SW Current Limit
500
650
900
mA
SW VCESAT
Switch Saturation Voltage
ISW = 250mA
200
400
mV
(Note 9)
ISW = 500mA
400
800
mV
Switching Frequency
165
200
240
kHz
Maximum Duty Cycle
95
%
Minimum SYNC Amplitude
1.5
2
V
SYNC Frequency Range
240
700
kHz
SYNC Input Impedance
50
k
ICSS
CSS Current Threshold (Note 10)
FB = 0V
4
10
16
µA
The
denotes the specifications which apply over the –40
°C to 125°C
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB = 1.25V, CSS/SYNC = 0V unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
The
denotes the specifications which apply over the –40
°C to 140°C
temperature range, otherwise specifications are at TJ = 25°C. VIN = 12V, SHDN = 12V, BIAS = 5V, FB = 1.25V, CSS/SYNC = 0V unless
otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHDN
SHDN Threshold
1.1
1.3
1.5
V
ISHDN
SHDN Input Current
SHDN = 12V
530
µA
Minimum Input Voltage (Note 3)
2.5
3.5
V
IVINS
Supply Shutdown Current
SHDN = 0V, BOOST = 0V, FB/PGFB = 0V, BIAS = 0V
0.1
2
µA
Supply Sleep Current (Note 4)
BIAS = 0V, FB = 1.35V
150
300
µA
FB = 1.35V
45
75
µA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT3437EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437EFE LINER-LT3437EFE Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results

Similar Description - LT3437EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1976B LINER-LT1976B Datasheet
306Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3437 LINER-LT3437_15 Datasheet
564Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
LT1976 LINER-LT1976 Datasheet
797Kb / 24P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100mA Quiescent Current
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT1976 LINER-LT1976_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT1976B LINER-LT1976B_15 Datasheet
312Kb / 28P
   High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
LT3430 LINER-LT3430 Datasheet
302Kb / 28P
   High Voltage, 3A, 200kHz Step-Down Switching Regulator
LTC3824 LINER-LTC3824 Datasheet
239Kb / 12P
   High Voltage Step-Down Controller With 40關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com