Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440A-A09197 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440A-A09197
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440A-A09197 Datasheet(HTML) 1 Page - Allen-Bradley

  440A-A09197 Datasheet HTML 1Page - Allen-Bradley 440A-A09197 Datasheet HTML 2Page - Allen-Bradley 440A-A09197 Datasheet HTML 3Page - Allen-Bradley 440A-A09197 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-64
Interlock Switches
Non contact Switches
Sentinel 1
Description
The Sentinel 1 is an electro-magnetically coded standalone Non
contact interlock. It operates without a safety relay while providing a
highly coded system to help prevent defeat of the switch by simple
magnets. Self-checking and monitoring functions are contained in the
switching unit which also has LED status indication.
The Sentinel 1 has 1 N.O. and 1 N.C. output and is supplied pre-
wired. A replaceable fuse for overload protection is easily accessed by
removing the front of the switch with a security bit.
Features
• Non contact actuation
• Electro-magnetic coding
• Standalone operation
• Plastic box style housing (IP65)
• Terminal connections
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119,
IEC60947-5-1, ANSI B11.19, AS4024.1
Category
Cat. 3 per EN954-1
Approvals
CE marked for all applicable directives
Power Supply
24V AC/DC, 48V AC, 110V AC,
230V AC
Power Consumption
< 2VA
Internal Fuses
Power
N.C. Output
250mA replaceable
2A replaceable
Operating Distance
Make 7mm (0.28in)
Break 10mm (0.39in)
Misalignment Tolerance
±5mm (0.2) make and break
Output Rating
B300, AC-15, 2A/250V AC
P300, DC-13, 2A/250V DC
Minimum Switching
Capability
10mA/10V
Indication LEDs
Green = Guard closed
Impulse Withstand Voltage
2500V
Operating Temperature
-25°C to +125°C (-13°F to +257°F)
Humidity
90% RH
Enclosure Protection
IP65 (NEMA 13)
Cable
0.75 sq. mm2 (18 AWG) 2 wire
PVC Jacket OD 7.5mm (.3in)
Case Material
Red reinforced ABS
Mounting
Any position
M4 mounting security screws included
Weight (not including cable)
Sensor Actuator
120g (0.26lbs) 39g (0.09lbs)
Electrical Life
100,000 at rated load
Mechanical Life
1,000,000 at no load
Vibration
10-55Hz, 1mm displacement
Shock
8g, 11ms half-sine


Similar Part No. - 440A-A09197

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440A-A09197 ALLEN-BRADLEY-440A-A09197 Datasheet
73Kb / 3P
   Safety Edges
440A-A09197 ALLEN-BRADLEY-440A-A09197 Datasheet
181Kb / 5P
   Accessories
More results

Similar Description - 440A-A09197

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com