Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-P4H4120-N Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440L-P4H4120-N
Description  Safety Light Curtains
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4H4120-N Datasheet(HTML) 1 Page - Allen-Bradley

  440L-P4H4120-N Datasheet HTML 1Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 2Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 3Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 4Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 5Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 6Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 7Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 8Page - Allen-Bradley 440L-P4H4120-N Datasheet HTML 9Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2-34
Presence Sensing Safety Devices
Safety Light Curtains
Perimeter Access Control
Description
Multi-beam safety light curtains from Rockwell Automation are
infrared protection devices with 1 to 4 infrared beams. They operate
on the through-beam principle, consisting of a sender and receiver
unit and are suitable for access control and perimeter guarding.
The PAC fulfils the pr EN 50100 requirements, safety category 4, in
that it is a self monitoring device.
• Integrated evaluation with state-of-the-art electronics and
especially developed ICs (ASICs)
• Beam coding for high interference immunity
• Actively monitored semiconductor outputs
• Mini style quick disconnect connectors
• Fast response time
• Large signal reserve (factor 2)
• Optical synchronization of sender and receiver units
• Multiple safeguarding by means of corner mirrors and columns
• Operating modes:
• Electronic Device Monitoring (EDM)
• Restart Interlock
• Muting configuration available
The devices were designed for industrial applications and offer the
following advantages:
• Beam coding for optimal interference immunity
• Adaptability for safe PLC
• Robust modular construction
• Universal application possibilities
• Simple installation
Specifications
Maximum scanning range
70m
Maximum beam gap
500mm
Minimum beam count
1 beam
Maximum beam count
4 beams
Minimum housing length
320mm
Maximum housing length
1800mm
Standards
EN 50100
Approvals
BG and CE marked for all applicable
directives
Protected Height
Depends on product selection
Scanning Range
70m (225ft), single beam PAC 7.5m
Beam Gap
Depends on product selection
Enclosure Rating
IP 65
Connection Type
7-pin mini style on transmitter and 8-pin
on receiver
Supply Voltage Uv
Maximum Residual Ripple
24V DC ± 20%
5 Vss
Power Consumption
7 watts—Transmitter
6 watts—Receiver
Synchronization
Optical, without separate
synchronization channel
Outputs
Minimum output voltage
2 x PNP, 0.5 A, short circuit protected
Uv - 2V
Response Time
20ms
Protection
Short circuit and overload
Connection
Max. wire cross section
1.0mm2 with jacket
1.5mm2 without jacket
Cable length
60m (196.8ft) maximum
Protection against over-voltage (
1kV)
from Level 3 or higher (IEC 801 part 5;
2 kV)
between PE and +V.
Mode of Operation
Guard-only with manual restart
Safety Category
Type 4 (self-checking)
Requirement
According to EN 50100
Operating Ambient Temp.
0°C to 55°C (32°F to 131°F)
Air Humidity
15%...95% (not condensing)
Storage Temperature
-25°C to 70°C (-13°F to 158°F)
Approximate Dimensions
Height
Housing Cross Section
Length dependent upon protected
height; (see dimensional drawings)
52 mm x 55 mm (2.05in x 2.17in)


Similar Part No. - 440L-P4H4120-N

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4B0300-N ALLEN-BRADLEY-440L-P4B0300-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0450-N ALLEN-BRADLEY-440L-P4B0450-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0600-N ALLEN-BRADLEY-440L-P4B0600-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0750-N ALLEN-BRADLEY-440L-P4B0750-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0900-N ALLEN-BRADLEY-440L-P4B0900-N Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440L-P4H4120-N

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com