Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440L-P4J0800YD Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440L-P4J0800YD
Description  Safety Light Curtains
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440L-P4J0800YD Datasheet(HTML) 1 Page - Allen-Bradley

  440L-P4J0800YD Datasheet HTML 1Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 2Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 3Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 4Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 5Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 6Page - Allen-Bradley 440L-P4J0800YD Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2-8
Presence Sensing Safety Devices
Safety Light Curtains
GuardShield Type 4
Description
The Allen-Bradley Guardmaster GuardShield safety light curtain is
an economical, fully featured, Type 4 safety light curtain in a
uniquely styled housing. GuardShield safety light curtains are general
purpose presence sensing devices designed for use on hazardous
machinery providing point of operation, as well as perimeter and
access guarding. This self-contained, two box, safety light curtain has
DIP switch selectable operating modes and are available in both
14mm and 30mm resolutions.
Modes of operation such as fixed and floating blanking, beam
coding, start/restart interlock, external device monitoring (EDM),
machine test signal, are selected by dip-switches settings. These dip-
switches are located beneath a security door, which are conveniently
located on both the transmitter and receiver end caps.
The GuardShield’s torsionally rigid, extruded aluminium,
polyurethane powder coated housing, combined with an
Environmental rating of IP65, allows the GuardShield to be used in
guarding applications across a broad range of industries.
Features
• Fixed blanking—teachable
• Floating blanking—one or two beam
• Beam coding
• External Device Monitoring (EDM)
• Start/restart interlock
Specifications
Note: The external power supply must be capable of buffering brief
power failures of 20ms as specified in IEC 60204.
Standards
EN 61496 Parts 1 & 2
Approvals
TUV and CE marked for all applicable
directives; UL 61496, UL 1998
Protected Height
160mm...1760mm (6.3in...69.3in) in
160mm (6.3in) increments
Scanning Range/Resolution
0.3-7m/14mm (0.98-22.9ft/0.55in)
0.3m-18m/30mm (0.98-59ft/1.18in)
Resolution
14mm/30mm (0.55in/1.18in)
Enclosure Rating
IP 65
Connection Type
Transmitter: 4-pin micro QD
Receiver: 8-pin micro QD
Supply Voltage Uv
Maximum Residual Ripple
24V DC ± 20%
5 Vss
Power Consumption
0.9...2 Amps (no-load) 0.4A max (no
load)
Synchronization
Optical, without separate
synchronization channel
Outputs—Safety
2 x PNP, 0.5 A, short circuit protected
Output—Non safety
1 x PNP 0.5A max.
Minimum Output Voltage
Uv - 2V
Response Time
Depending on number of beams
Protection
Short circuit and overload
Cable Length
30m (100ft) max.
Mode of Operation
Manual or automatic restart
Safety Category
Type 4 (self-checking) per EN 61496
Operating Ambient Temp.
-10°C to 55°C (14°F to 131°F)
Air Humidity
15%...95% (not condensing)
Storage Temperature
-25°C to 75°C (-13°F to 167°F)
Approximate Dimensions
Height
Housing Cross Section
Length dependent upon protected
height; (see dimensional drawings)
40 mm x 50 mm (1.57in x 1.96in)
Transmitter Wavelength
870nm
Vibration Resistance
IEC60068-2-6, frequency 10Hz to 55Hz
Amplitude: 0.35mm (0.01in)
Shock
IEC60068-2-29 acceleration 10g, pulse
duration 16ms


Similar Part No. - 440L-P4J0800YD

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440L-P4B0300-N ALLEN-BRADLEY-440L-P4B0300-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0450-N ALLEN-BRADLEY-440L-P4B0450-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0600-N ALLEN-BRADLEY-440L-P4B0600-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0750-N ALLEN-BRADLEY-440L-P4B0750-N Datasheet
160Kb / 8P
   Safety Light Curtains
440L-P4B0900-N ALLEN-BRADLEY-440L-P4B0900-N Datasheet
160Kb / 8P
   Safety Light Curtains
More results

Similar Description - 440L-P4J0800YD

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com