Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440P-CHLB12E Datasheet(PDF) 4 Page - Allen-Bradley

Part # 440P-CHLB12E
Description  Safety Limit Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440P-CHLB12E Datasheet(HTML) 4 Page - Allen-Bradley

  440P-CHLB12E Datasheet HTML 1Page - Allen-Bradley 440P-CHLB12E Datasheet HTML 2Page - Allen-Bradley 440P-CHLB12E Datasheet HTML 3Page - Allen-Bradley 440P-CHLB12E Datasheet HTML 4Page - Allen-Bradley 440P-CHLB12E Datasheet HTML 5Page - Allen-Bradley 440P-CHLB12E Datasheet HTML 6Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Position Interlock Switches
7-5
Safety Limit Switches
Small Plastic Senator
Product Selection (continued)
➊ D4 suffix uses a 4-pin DC Micro (M12) connector.
R6 suffix uses a 6-pin AC Micro (dual keyway) connector.
➋ Not positive opening
Typical Wiring Diagrams ➌
Two-Circuit Type D4 4-Pin Micro Connector
Three-Circuit Type R6 6-Pin Micro Connector
➌ See Product Selection tables for positive opening circuits.
Operator
Type
Contact
Contact
Type
Typical
Force/
Torque to
Operate
Contact Opening
Characteristics
Catalogue Number
Safety
Aux.
1/2in NPT
Conduit
M20 Conduit
Quick
Disconnect ➊
Rubber Roller ➋
1 N.C
1 N.O
Snap
Acting
0.15Nm
440P-CRRS11E
440P-CRRS11B
440P-CRRS11D4
2 N.C
1 N.O
BBM
0.14Nm
440P-CRRB12E
440P-CRRB12B
440P-CRRB12R6
3 N.C.
0.14Nm
440P-CRRB03E
440P-CRRB03B
440P-CRRB03R6
2 N.C
1 N.O
MBB
0.14Nm
440P-CRRM12E
440P-CRRM12B
440P-CRRM12R6
Recommended standard cordset, 2m, 4-pin, DC Micro (M12) connector. See page 15-10 for additional lengths.
889D-F4AC-2
Recommended standard cordset, 2m, 6-pin AC Micro connector. See page 15-10 for additional lengths.
889R-F6ACA-2
Connector Pinout
1 N.C. + 1 N.O.
Terminal
Contact
1 N.O. + 1 N.C.
111
N.C.
312
223
N.O.
424
Connector Pinout
2 N.C. + 1 N.O.
3 N.C.
Terminal
Contact
Terminal
Contact
3 N.C.
2 N.C. + 1 N.O.
111
N.C.
11
N.C.
512
12
221
N.C.
21
N.C.
622
22
333
N.O.
31
N.C.
434
32
Open
Closed
Positive Opening Point
88˚
31˚
15 cNm
31˚
15cNm
88˚
23 -24
11 -12
16˚
16˚
11 -12
23 -24
50˚
50˚
47
˚
88˚
88
˚
27˚
10 cNm
27
˚
10 cNm
37˚
37˚
21- 22
33- 34
11- 12
47˚
88
88˚
27˚
10cNm
11-12
21-22
31-32
27˚
10c Nm
47˚
47
˚
47˚
88˚
88˚
26˚
26˚
17˚
10 cNm
17˚
10c Nm
21- 22
33- 34
11- 12
47˚
3
21
4
12
11
24
23
Same
Polarity
11
12
21
22
33
34
11
12
21
22
31
32
Auxiliary
Circuit (N.O.)
Safety
Circuit 2 (N.C.)
Safety
Circuit 1 (N.C.)


Similar Part No. - 440P-CHLB12E

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-M18002 ALLEN-BRADLEY-440P-M18002 Datasheet
47Kb / 2P
   Safety Limit Switches
440P-MALB04M9 ALLEN-BRADLEY-440P-MALB04M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB13M9 ALLEN-BRADLEY-440P-MALB13M9 Datasheet
232Kb / 6P
   Safety Limit Switches
440P-MALB22M9 ALLEN-BRADLEY-440P-MALB22M9 Datasheet
232Kb / 6P
   Safety Limit Switches
More results

Similar Description - 440P-CHLB12E

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440P-MRPS11E ALLEN-BRADLEY-440P-MRPS11E Datasheet
232Kb / 6P
   Safety Limit Switches
802T-ATPD ALLEN-BRADLEY-802T-ATPD Datasheet
168Kb / 4P
   Safety Limit Switches
440P-M18001 ALLEN-BRADLEY-440P-M18001 Datasheet
47Kb / 2P
   Safety Limit Switches
logo
Highly Electric Co., Lt...
EDR-1-1-20 HIGHLY-EDR-1-1-20 Datasheet
1Mb / 6P
   EDR SERIES SAFETY LIMIT SWITCHES WITH RESET
logo
List of Unclassifed Man...
KLS001X-OA ETC-KLS001X-OA Datasheet
827Kb / 4P
   LIMIT Switches
logo
Panasonic Semiconductor
AZ8112 PANASONIC-AZ8112 Datasheet
772Kb / 24P
   Limit Switches
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
logo
Schneider Electric
9007C62F SCHNEIDER-9007C62F Datasheet
139Kb / 3P
   NEMA Limit Switches
Feb 12, 2023
logo
Honeywell Solid State E...
ZLS HONEYWELL-ZLS Datasheet
505Kb / 6P
   Global Limit Switches
logo
Global Mixed-mode Techn...
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com