Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440N-N15023 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440N-N15023
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440N-N15023 Datasheet(HTML) 3 Page - Allen-Bradley

  440N-N15023 Datasheet HTML 1Page - Allen-Bradley 440N-N15023 Datasheet HTML 2Page - Allen-Bradley 440N-N15023 Datasheet HTML 3Page - Allen-Bradley 440N-N15023 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-66
Interlock Switches
Non contact Switches
Sentinel 1
Typical Wiring Diagrams
Application Details
Sentinel 1 Sensor
Red
Blue
Black
White
Yellow
Green
Supply
Voltage
Safety
N.C.
Fuse
Externally
Auxiliary
N.O.
+
-
Actuator Approaches
On presenting the actuator to the switch, the high-
intensity electromagnetic field together with a
resonant frequency signal causes the contacts to
close. On removing the actuator, (opening the door)
the safety contacts open, isolating the machine. The
switch can not be overridden by magnets, tools, etc.
Operating Principle


Similar Part No. - 440N-N15023

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-A02071 ALLEN-BRADLEY-440N-A02071 Datasheet
126Kb / 4P
   Non contact Switches
440N-A32019 ALLEN-BRADLEY-440N-A32019 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32020 ALLEN-BRADLEY-440N-A32020 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32025 ALLEN-BRADLEY-440N-A32025 Datasheet
90Kb / 4P
   Non contact Switches
440N-A32041 ALLEN-BRADLEY-440N-A32041 Datasheet
90Kb / 4P
   Non contact Switches
More results

Similar Description - 440N-N15023

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com