Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440N-S32021 Datasheet(PDF) 1 Page - Allen-Bradley

Part # 440N-S32021
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440N-S32021 Datasheet(HTML) 1 Page - Allen-Bradley

  440N-S32021 Datasheet HTML 1Page - Allen-Bradley 440N-S32021 Datasheet HTML 2Page - Allen-Bradley 440N-S32021 Datasheet HTML 3Page - Allen-Bradley 440N-S32021 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-56
Interlock Switches
Non contact Switches
Sipha Control Units
Description
With the increasing speed and complexity of applications a simple
magnetic switch may be insufficient to meet the increased risks,
therefore Sipha’s design incorporates several magnetically sensitive
elements which must be triggered in a particular sequence to operate
correctly. The Sipha sensor, designed to operate with its own
actuator, helps prevent defeatability by a simple magnet.
The control unit is available in three types. The Sipha 1 control unit
operates on 24V AC/DC and offers 1 N.O. safety output and 1 N.C.
solid state auxiliary output. The Sipha 2 control unit operates on
either 24V AC/DC, 110V AC or 230V AC and offers 2 N.O. safety
outputs and 1 N.C. auxiliary output. The Sipha 6 has wiring
terminals for up to 6 sensors, a delayed output for Category 1 stops
and offers the same wide range of power supply capability as the
Sipha 2 control unit. Between 2 and 6 Sipha sensors can be directly
connected to the Sipha 6 control unit. An internal DIP switch mutes
the unused connections to sensors 1, 2, 3 and 4. This allows for
individual monitoring to each interlock and provides enhanced
safety integrity when compared to six interlocks running off a single
Sipha 2 control unit.
The Sipha control units are designed to operate with the Sipha
sensors and actuators. The controllers have automatic reset.
Features
• Non contact actuation
• Magnetic coded sensing
• Control Unit acts as safety relay
• Four types of switches
Specifications
Standards
EN954-1, ISO13849-1, IEC/EN60204-1,
NFPA79, EN1088, ISO14119,
IEC60947-5-1, ANSI B11.19, AS4024.1
Category
Sipha 1 & 2
Sipha 6
Cat. 3 per EN954-1
Cat. 4 per EN954-1
Approvals
CE marked for all applicable directives,
cULus and TÜV
Power Supply
Sipha 1
Sipha 2 & 6
24V AC/DC
24V AC/DC and 110/230V AC
Power Consumption
Sipha 1
Sipha 2 & 6
<2VA
<4VA
Specifications (continued)
Safety Inputs
Sipha 1
Sipha 2 & 6
1 N.C. & 1 N.O.
6 x (1 N.C. & 1 N.O.)
Maximum Input Resistance
Terminals 1 – 4
Terminals 2 – 3
200
150
Minimum Approach Speed
17mm/s (0.67in/s)
Safety Outputs
Sipha 1
Sipha 1
Sipha 6
1 N.O.
2 N.O.
2 N.O. + 1 N.O. Delayed (0.6 to 30sec)
Output Rating
B300, AC-15, 4A/250V AC
P300, DC-15, 2A/30V DC
Minimum Switched Current/
Voltage
10mA/10V
Maximum Recommended
Output Fuse
5A quick blow AC, 3A quick blow DC
Auxiliary Outputs (not for
safety use)
Sipha 1
Sipha 2 & 6
1 N.C. Photovoltaic MOSFET (on
resistance typically 36
Ω)
1 N.C.
Auxiliary Output Switching
Capability
Sipha 1
Sipha 2 & 6
100mA/230V AC, 100mA/24V DC
2A/230 V AC, 2A/24 V DC
Indication LEDs
Green LED = Power on
Green LED = Output closed
Impulse Withstand Voltage
2500V
Installation Group
C in accordance with VDE 0110
Pollution Degree
3
Operating Temperature
-10°C to +55°C (+14° to +131°F)
Humidity
90% RH
Torque Settings—
Terminal Screws
1N
m (8.85lbin)
Conductor Size
0.2-2.5mm2 (24-14AWG)
Case Material
Red Polycarbonate
Mounting
35mm DIN Rail
Weight
Sipha 1
Sipha 2
Sipha 6
140g (0.31lbs)
410g (0.90lbs)
675g (1.49lbs)
Electrical Life
220V AC/4A880VA
cos
ϕ=.35
220V AC/1.7A375VA/
cos
ϕ=.6
30V DC/2A60W
10V DC/0.01A/0.1W
100,000 operations
500,000 operations
1,000,000 operations
2,000,000 operations
Mechanical Life
2,000,000 operations
Vibration
1mm, 10 to 55Hz
Shock
30g, 11ms half-sine


Similar Part No. - 440N-S32021

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-S32022 ALLEN-BRADLEY-440N-S32022 Datasheet
90Kb / 4P
   Non contact Switches
440N-S32023 ALLEN-BRADLEY-440N-S32023 Datasheet
90Kb / 4P
   Non contact Switches
440N-S32024 ALLEN-BRADLEY-440N-S32024 Datasheet
90Kb / 4P
   Non contact Switches
More results

Similar Description - 440N-S32021

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-S32014 ALLEN-BRADLEY-440N-S32014 Datasheet
90Kb / 4P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com