Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

800H-FRXTQH10RA1 Datasheet(PDF) 5 Page - Allen-Bradley

Part # 800H-FRXTQH10RA1
Description  Push Buttons
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

800H-FRXTQH10RA1 Datasheet(HTML) 5 Page - Allen-Bradley

  800H-FRXTQH10RA1 Datasheet HTML 1Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 2Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 3Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 4Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 5Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 6Page - Allen-Bradley 800H-FRXTQH10RA1 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
6-18
Emergency Stop Devices
Push Buttons
800 E-Stops
Product Selection—30.5mm
Emergency Stop Operators — 2-Position Red Non Illuminated
Note: Emergency stop push buttons are compliant with EN-418 and IEC 60947-5-5 Standards when using N.C.L.B. contact blocks.
➊ Normally closed late break contact. When button is pushed from the OUT to IN position, the mechanical detent action of the operator occurs before electrical contacts
change state. When the button is pulled from the IN to the OUT position, the electrical contacts change state before the mechanical detent occurs.
➋ The Self-Monitoring Contact Block (S.M.C.B.) is composed of a N.C.L.B. contact wired in series with a N.O. monitoring contact. The N.O. monitoring contact automatically
closes when the S.M.C.B. is properly installed onto the E-Stop operator. If the S.M.C.B. is separated from the E-Stop operator, the N.O. monitoring contact will
automatically open.
Operator Position
Contacts Maintained Out Maintained In
Enclosure
Protection
Release
Catalogue Number
N.C.L.B.
! Closed Open
Type 4 & 13
Push-Pull
800T-FX6D4
Push-Pull/Twist
800T-FXT6D4
Type 4, 4X & 13
800H-FRXT6D4
N.O. Open Closed
N.C.L.B.
! Closed Open
Type 4 & 13
Push-Pull
800T-FX6A1
Push-Pull/Twist
800T-FXT6A1
Type 4, 4X & 13
800H-FRXT6A1
N.C.L.B.
! Closed Open
N.C.L.B.
! Closed Open
Type 4 & 13
Push-Pull
800T-FX6A5
Push-Pull/Twist
800T-FXT6A5
Type 4, 4X & 13
800H-FRXT6A5
S.M.C.B. ➊➋ Closed Open
Type 4 & 13
Push-Pull
800TC-FX6D4S
Push-Pull/Twist
800TC-FXT6D4S
Type 4, 4X & 13
800HC-FRXT6D4S
N.O. Open Closed
S.M.C.B. ➊➋ Closed Open
Type 4 & 13
Push-Pull
800TC-FX6A1S
Push-Pull/Twist
800TC-FXT6A1S
Type 4, 4X & 13
800HC-FRXT6A1S
S.M.C.B. Closed Open
S.M.C.B.➊➋ Closed Open
Type 4 & 13
Push-Pull
800TC-FX6A5S
Push-Pull/Twist
800TC-FXT6A5S
Type 4, 4X & 13
800HC-FRXT6A5S
2-Position Push-Pull
2-Position Push-Pull/Twist


Similar Part No. - 800H-FRXTQH10RA1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
800 MICROSEMI-800 Datasheet
120Kb / 3P
   RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 20-40 AMP, STANDARD HIGH EFFICIENCY, ESP
logo
Littelfuse
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
800 LITTELFUSE-800 Datasheet
78Kb / 1P
   Panel Mount, Shocksafe 6.3x32mm Fuses
logo
Mill-Max Mfg. Corp.
800 MILL-MAX-800 Datasheet
184Kb / 1P
   INTERCONNECTS .100??Grid (.030??dia.) Low Profile Headers & Versatile Sockets Single and Double Row
logo
Make-Ps
800 MAKE-PS-800 Datasheet
169Kb / 3P
   Single, Dual, Triple Output DC/DC Converter
More results

Similar Description - 800H-FRXTQH10RA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZB2BT4 ETC2-ZB2BT4 Datasheet
1Mb / 24P
   Push Buttons and Operator Interface
logo
STMicroelectronics
SPC57S STMICROELECTRONICS-SPC57S Datasheet
293Kb / 4P
   User push buttons and LEDs
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
logo
List of Unclassifed Man...
ZB6ZB11B ETC1-ZB6ZB11B Datasheet
5Mb / 34P
   Harmony??XB6/ZB6 16 mm push buttons
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com