Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

440N-S32014 Datasheet(PDF) 3 Page - Allen-Bradley

Part # 440N-S32014
Description  Non contact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

440N-S32014 Datasheet(HTML) 3 Page - Allen-Bradley

  440N-S32014 Datasheet HTML 1Page - Allen-Bradley 440N-S32014 Datasheet HTML 2Page - Allen-Bradley 440N-S32014 Datasheet HTML 3Page - Allen-Bradley 440N-S32014 Datasheet HTML 4Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3-62
Interlock Switches
Non contact Switches
Sipha Sensors
Approximate Dimensions—mm (inches)
Dimensions are not intended to be used for installation purposes.
M4
24 (0.94)
4.2
(0.17)
6 (0.24)
4.8
(0.19)
13
(0.51)
12
(0.47)
25 (0.98)
4.8 (0.19)
12
(0.47)
24
(0.94)
M4
25 (0.98)
13 (0.51)
Sensor
Actuator
Sipha S1
Sipha S3
Sipha S4
Sipha S2
4.2
(0.17)
4.2
(0.17)
7 (0.28)
7
7 (0.28)
19
(0.75)
5
(0.2)
19
(0.75)
7 (0.28)
4.5 (0.18)
4.5
(0.18) 9 (0.35)
7 (0.28)
19
(0.75)
19
(0.75)
4.5 (0.18)
7 (0.28)
Sensor
Actuator
60 (2.36)
M18
Sensor
10
(0.39)
Ø 30 (1.18)
Ø 5.1 (0.2)
Actuator
8
(0.31)
4.4
(0.17)
8
(0.31)
11.5
(0.45)
19.5
(0.77)
33.5 (1.32)
16
(0.63)
5
(0.20)
6
(0.24)
7 (0.28)
16.75 (0.66)
16.75 (0.66)
7 (0.28)
11.5
(0.45)
16.75
(0.66)
16.75
(0.66)
33.5
(1.32)
8 (0.31)
16 (0.63)
5
(0.20)
7 (0.28)
19.5
7 (0.28)
4.4 (0.17)
Sensor
Actuator


Similar Part No. - 440N-S32014

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
More results

Similar Description - 440N-S32014

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
440N-S32013 ALLEN-BRADLEY-440N-S32013 Datasheet
95Kb / 4P
   Non contact Switches
FRS1 ALLEN-BRADLEY-FRS1 Datasheet
90Kb / 4P
   Non contact Switches
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GD2 ALLEN-BRADLEY-GD2 Datasheet
51Kb / 2P
   Non contact Switches
FRS6 ALLEN-BRADLEY-FRS6 Datasheet
57Kb / 2P
   Non contact Switches
440N-N15017 ALLEN-BRADLEY-440N-N15017 Datasheet
81Kb / 4P
   Non contact Switches
FRS3 ALLEN-BRADLEY-FRS3 Datasheet
54Kb / 2P
   Non contact Switches
logo
SICK AG
TR4-SAU03P SICK-TR4-SAU03P Datasheet
462Kb / 6P
   NON-CONTACT SAFETY SWITCHES
TR4-SAM10P SICK-TR4-SAM10P Datasheet
461Kb / 6P
   NON-CONTACT SAFETY SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com