Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3433IFE Datasheet(PDF) 10 Page - Linear Technology

Part # LT3433IFE
Description  High Voltage Step-Up/Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3433IFE Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3433IFE Datasheet HTML 6Page - Linear Technology LT3433IFE Datasheet HTML 7Page - Linear Technology LT3433IFE Datasheet HTML 8Page - Linear Technology LT3433IFE Datasheet HTML 9Page - Linear Technology LT3433IFE Datasheet HTML 10Page - Linear Technology LT3433IFE Datasheet HTML 11Page - Linear Technology LT3433IFE Datasheet HTML 12Page - Linear Technology LT3433IFE Datasheet HTML 13Page - Linear Technology LT3433IFE Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT3433
3433f
APPLICATIO S I FOR ATIO
The requirement for avoiding current mode instability is
that the rising slope of sensed inductor ripple current (S1)
is greater than the falling slope (S2). At duty cycles greater
than 50% this is not true. To avoid the instability condition,
a false signal is added to the sensed current with a slope
(SX) that is sufficient to prevent current mode instability,
or S1 + SX ≥ S2. This leads to the following relations:
SX ≥ S2(2DC – 1)/DC
If the forward voltages of a converter’s catch and pass
diodes are defined as VF1 and VF2, then:
S2 = (VOUT + VF1 + VF2)/L
Solving for L yields a relation for the minimum inductance
that will satisfy slope compensation requirements:
LMIN = (VOUT + VF1 + VF2)(2DC – 1)/(DC • SX)
The LT3433 maximizes available dynamic range using a
slope compensation generator that generates a continu-
ously increasing slope as duty cycle increases. The slope
compensation waveform is calibrated at 80% duty cycle to
generate an equivalent slope of at least 0.05A/
µs. The
equation for minimum inductance then reduces to:
LMIN = (VOUT + VF1 + VF2)(15e-6)
For example, with VOUT = 5V and using VF1 + VF2 = 1.1V
(cold):
LMIN = (5 + 1.1)(15e-6) = 91.5µH
Converter Capabilities
The output current capability of an LT3433 converter is
affected by a myriad of variables. The current in the
switches is limited by the LT3433. Switch current is
measured coming from the VIN supply, and does not
directly translate to a limitation in load current. This is
especially true during bridged mode operation when the
converter output current is discontinuous.
During bridged mode operation, the converter output
current is discontinuous, or only flowing to the output
while the switches are off (not to be confused with discon-
tinuous switcher operation). As a result, the maximum
output current capability of the converter is reduced from
that during buck mode operation by a factor of roughly
1 – DC, not including additional losses. Most converter
losses are also a function of DC, so operational duty cycle
must be accurately determined to predict converter load
capabilities.
VOUT (V)
4
50
100
150
200
250
812
16
20
3433 AI01
300
350
610
14
18
Slope Compensation Requirements
Typical Minimum Inductor Values vs VOUT
SW_H
LT3433
VIN
VOUT
3433 AI02
SW_L
L
D1
D2
Application variables:
VIN = Converter input supply voltage
VOUT = Converter programmed output voltage
VBST = Boosted supply voltage (VBST – VSWH)
DC = Operational duty cycle
fO = Switching frequency
IMAX = Peak switch current limit
∆IL = Inductor ripple current
ISW = Average switch current or peak switch current
less half the ripple current (IMAX – ∆IL/2)
RSWH = Boosted switch “on” resistance
RSWL = Grounded switch “on” resistance
L = Inductor value


Similar Part No. - LT3433IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3433IFE LINER-LT3433IFE Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
More results

Similar Description - LT3433IFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3433 LINER-LT3433 Datasheet
183Kb / 12P
   High Voltage Step-Up/Step-Down DC/DC Converter
LT3433 LINER-LT3433_15 Datasheet
243Kb / 16P
   High Voltage Step-Up/Step-Down DC/DC Converter
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063A BCDSEMI-AZ34063A Datasheet
215Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com